Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 35Page - NXP Semiconductors IMX95CEC Datasheet HTML 36Page - NXP Semiconductors IMX95CEC Datasheet HTML 37Page - NXP Semiconductors IMX95CEC Datasheet HTML 38Page - NXP Semiconductors IMX95CEC Datasheet HTML 39Page - NXP Semiconductors IMX95CEC Datasheet HTML 40Page - NXP Semiconductors IMX95CEC Datasheet HTML 41Page - NXP Semiconductors IMX95CEC Datasheet HTML 42Page - NXP Semiconductors IMX95CEC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 113 page
background image
4.8.1 12-bit ADC electrical specifications
All ADC channels meet the 12-bit single-ended accuracy specifications.
4.8.1.1 SAR ADC
Table 41. SAR ADC
Symbol
Description
Min
Typ
Max
Unit
Condition
VADIN
ADC Input Voltage
VGND
—
VDDA
V
on or off channels
fADCK
ADC Conversion Clock
Frequency
20
—
66
MHz
—
Csample
Sample cycles
5.5
—
—
ns
—
Ccompare
Fixed compare cycles
—
58
131.5
ns
—
Cconversion
Clock conversion cycles
Cconvers
ion =
Csample
+
Ccompar
e
Cconvers
ion =
Csample
+
Ccompar
e
Cconvers
ion =
Csample
+
Ccompar
e
number
of cycles
—
CAD_INPUT
ADC Input Capacitance
—
—
7
pF
ADC component
plus pad capacitance
(~2pF)
RAD_INPUT
ADC Input Series Resistance
—
—
1.25
kΩ
—
DNL
ADC Differential Non-linearity
—
±2
—
LSB
after calibration
INL
ADC Integral Non-linearity
—
±6
—
LSB
after calibration
RAS
Analog source resistance
—
—
5
KΩ
—
Bandgap
Output voltage ready time for
bandgap
—
1
—
µs
—
4.9 Audio
This section introduces the timing and electrical parameters about audio subsystem of I.MX 95 processor.
4.9.1 SAI switching specifications
This section provides the AC timings for the SAI in Controller (clocks driven) and Target (clocks input) modes. All timings are given
for non inverted serial clock polarity (SAI_TCR2[BCP] = 0, SAI_RCR2[BCP] = 0) and non inverted frame sync (SAI_TCR4[FSP]
= 0, SAI_RCR4[FSP] = 0). If the polarity of the clock and/or the frame sync have been inverted, all the timings remain valid by
inverting the clock signal (SAI_BCLK) and/or the frame sync (SAI_FS) shown in the figures below.
The DSE[5:0] = 001111 and FSEL1[1:0] = 11 are required drive settings to meet the timing.
The SAI4 pins muxed with ENET2 and the SAI4 pins muxed with XSPI1 are mutually exclusive. It does not support a use case
where some SAI4 pins are connected to ENET2 and other SAI4 pins are simultaneously connected to XSPI1.
SAI5 is supported entirely on SD3 or entirely on XSPI1 (but not multiplexed across both XSPI1 and SD3 pins). SAI5 is also
supported with some pins on SD3 and others on XSPI1, as long as the non-data signals (SYNCs and/or BCLKs) are on the one
interface (SD3 or XSPI1), and all TX_DATA pins are on the one interface (SD3 or XSPI1), and all RX_DATA pins are on the one
interface (SD3 or XSPI1).
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
39 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com