Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 3 Page - NXP Semiconductors

  IMX95CEC Datasheet HTML 1Page - NXP Semiconductors IMX95CEC Datasheet HTML 2Page - NXP Semiconductors IMX95CEC Datasheet HTML 3Page - NXP Semiconductors IMX95CEC Datasheet HTML 4Page - NXP Semiconductors IMX95CEC Datasheet HTML 5Page - NXP Semiconductors IMX95CEC Datasheet HTML 6Page - NXP Semiconductors IMX95CEC Datasheet HTML 7Page - NXP Semiconductors IMX95CEC Datasheet HTML 8Page - NXP Semiconductors IMX95CEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 113 page
background image
Table 1. Feature summary...continued
Subsystem
Features
Video Processors
• 4Kp60 H.265 and H.264 encode and decode
• 1x JPEG Encoder
• 1x JPEG Decoder
Display Controller (up to 3
simultaneous displays)
• For 3 simultaneous displays (1x MIPI-DSI + 2x LVDS), both LVDS displays
must have same resolution and timing.
• 1x 350 MHz MIPI-DSI (4-lane, 2.5 Gbps/lane) supporting 4kp30 or 3840 x
1440p60
• 2x 1080p60 LVDS Tx (2x 4-lane or 1x 8-lane)
• 16 kByte of SRAM, but it is available for other SoC usage when not using for 2D
blitter purposes
Camera and ISP
• MIPI-CSI and ISP (2x 4-lane, 2.5 Gbps/lane) with PHY (one mux'd with DSI)
• Up to 1x 4Kp60 fps (if one MIPI CSI is enabled), 2x 4Kp30, 4x 1080p60, or 8x
1080p30
• Up to 8x cameras with MIPI virtual channels
• 96 kByte of SRAM, but it is available for other SoC usage when not using for
ISP purposes.
Audio
• 5x Synchronous Audio Interfaces (SAI)
• 17-lane I2S TDM (32-bit at 768 kHz frequency)
• SPDIF Rx and SPDIF Tx
• 8-channel PDM Microphone Interface (MICFIL)
• 2 x Medium Quality Sound (MQS)
Connectivity
• 2x PCIe Gen 3.0 (1-lane)
• 1x USB3.0 Type C with PHY
• 1x USB2.0 with PHY
• 2x 1 Gbps Ethernet ports with Time Sensitive Networking (TSN) capabilities
• 1x 10 Gbps Ethernet port with Time Sensitive Networking (TSN) capabilities
• IEEE 1588 for sync; and EEE
• 5x CAN-FD
• 2x 32-pin FLEXIO interfaces (bus or serial I/O)
Low Speed
Communication Peripherals
• 8x UART
Timer and PWMs
• 2x Low Power Periodical Interrupt Timers (LPIT)
Table continues on the next page...
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
3 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com