Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 64 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 60Page - NXP Semiconductors IMX95CEC Datasheet HTML 61Page - NXP Semiconductors IMX95CEC Datasheet HTML 62Page - NXP Semiconductors IMX95CEC Datasheet HTML 63Page - NXP Semiconductors IMX95CEC Datasheet HTML 64Page - NXP Semiconductors IMX95CEC Datasheet HTML 65Page - NXP Semiconductors IMX95CEC Datasheet HTML 66Page - NXP Semiconductors IMX95CEC Datasheet HTML 67Page - NXP Semiconductors IMX95CEC Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 113 page
background image
Table 65. SGMII 1G and 2.5G differential transmitter output AC timing characteristics...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
UI
Unit Interval for 1G (1.25 Gbps
bit rate)
—
800
—
UI
—
Trise
Transmit Vod rise time (20-80%) 100
—
200
ps
—
Tfall
Transmit Vod fall time (20-80%) 100
—
200
ps
—
Dj
Transmit Deterministic Jitter
—
—
0.17
UI
—
—
Transmit Total Jitter
—
—
0.35
UI
—
4.11.2.5.2 SGMII 1G and 2.5G differential transmitter output DC electrical characteristics
Table 66. SGMII 1G and 2.5G differential transmitter output DC electrical characteristics
Symbol
Description
Min
Typ
Max
Unit
Condition
VOD
Transmit Output Differential
Voltage
1000
—
1400
mV
—
Voh
Output voltage high
—
—
1525
mv
—
Vol
Output voltage low
875
—
—
—
—
Vos
Output offset voltage
1075
—
1325
mV
—
RDOUT
Transmit Differential Output
Impedance
80
—
100
Ω
Rload = 100 Ω ±1%
∆|Vod|
Change in Vod between “0” and
“1”
—
—
25
mV
—
∆Vos
Change in Vos between “0” and
“1”
—
—
25
mV
—
Is
Output current on Short to GND —
—
40
mA
—
Differential
signal
1.4 V
1.0 V
+400 mV
0 V diff.
Voa - Vob
= 0 Vdiff
Single ended
Vod = Voa - Vob
Vidth(min)
Vidth(max)
Vob
Voa
-400 mV
Voa - Vob
= Vidth(min)
Vidth(min)
Vidth(max)
Voa - Vob
= Vidth(max)
Figure 30. Maximum driver signal levels shown for 1.2 Vos
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
64 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com