Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 97 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 93Page - NXP Semiconductors IMX95CEC Datasheet HTML 94Page - NXP Semiconductors IMX95CEC Datasheet HTML 95Page - NXP Semiconductors IMX95CEC Datasheet HTML 96Page - NXP Semiconductors IMX95CEC Datasheet HTML 97Page - NXP Semiconductors IMX95CEC Datasheet HTML 98Page - NXP Semiconductors IMX95CEC Datasheet HTML 99Page - NXP Semiconductors IMX95CEC Datasheet HTML 100Page - NXP Semiconductors IMX95CEC Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 113 page
background image
4.11.13.14 REFCLK IN AC specifications in common clocked architecture
Table 112. REFCLK IN AC specifications in common clocked architecture
Symbol
Description
Min
Typ
Max
Unit
Condition
FREFCLK
Refclk frequency without SSC
(SRNS)
99.97
100
100.03
MHz
—
FREF_OFFSET
Reference clock frequency
offset without SSC
-300
—
300
ppm
—
FREF_OFFSET
Reference clock frequency
offset with SSC
-300
—
2800
ppm
—
FREFCLK-RMS-
CC
RMS Refclk jitter for common
Refclk Rx architecture for 8GT/s
—
—
1
ps RMS
—
FREFCLK-HF-RMS RMS Refclk jitter for common
Refclk Rx architecture > 1.5
MHz for 5 GT/s
—
—
3.1
ps RMS
—
FREFCLK-LF-RMS RMS Refclk jitter for common
Refclk Rx architecture 10 kHz -
1.5 MHz for 5 GT/s
—
—
3
ps RMS
—
FSSC
SSC frequency range
30
—
33
kHZ
—
TSSC-FREQ-
DEVIATION
SSC deviation
—
—
±0.5
%
—
TTRANSPORT-
DELAY
Tx-Rx transport delay
12
—
—
ns
—
4.11.13.15 REFCLK IN AC specifications in separate clocked architecture
Table 113. REFCLK IN AC specifications in separate clocked architecture
Symbol
Description
Min
Typ
Max
Unit
Condition
FREFCLK
Refclk frequency without SSC
(SRNS)
99.97
100
100.03
MHz
—
FREF_OFFSET
Reference clock frequency
offset without SSC
-300
—
300
ppm
—
FREF_OFFSET
Reference clock frequency
offset with SSC (SRIS)
-300
—
2800
ppm
—
TREFCLK-RMS-
SRIS
RMS Refclk jitter for separate
Refclk independent SSC
architecture
—
—
0.5
ps RMS
8 GT/s
TREFCLK-RMS-
SRIS
RMS Refclk jitter for separate
Refclk independent SSC
architecture
—
—
2.0
ps RMS
5 GT/s
FSSC
SSC frequency range
30
—
33
kHZ
—
TSSC-FREQ-
DEVIATION
SSC deviation
—
—
±0.5
%
—
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
97 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com