Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 2Page - NXP Semiconductors IMX95CEC Datasheet HTML 3Page - NXP Semiconductors IMX95CEC Datasheet HTML 4Page - NXP Semiconductors IMX95CEC Datasheet HTML 5Page - NXP Semiconductors IMX95CEC Datasheet HTML 6Page - NXP Semiconductors IMX95CEC Datasheet HTML 7Page - NXP Semiconductors IMX95CEC Datasheet HTML 8Page - NXP Semiconductors IMX95CEC Datasheet HTML 9Page - NXP Semiconductors IMX95CEC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 113 page
background image
Table 2 shows examples of orderable part numbers covered by this data sheet. This table does not include all possible orderable
part numbers.
Table 2. Orderable part numbers
Product Part
Number
Family Number
of
Cortex®-
A55
Cores
Qualification
tier
Maxim
um
speed
ISP
NPU
GPU
VPU
Displa
y
control
ler
10G
Package
MIMX9596D
VTXQAA
95
6
Commercial 2.0
GHz
●
●
●
●
●
●
15 x 15 mm,
0.5 mm pitch
MIMX9594D
VTXQAA
95
4
Commercial 2.0
GHz
●
●
●
●
●
●
15 x 15 mm,
0.5 mm pitch
MIMX9586D
VTXQAA
95
6
Commercial 2.0
GHz
●
●
●
●
15 x 15 mm,
0.5 mm pitch
MIMX9584D
VTXQAA
95
4
Commercial 2.0
GHz
●
●
●
●
15 x 15 mm,
0.5 mm pitch
MIMX9556D
VTXQAA
95
6
Commercial 2.0
GHz
●
●
●
●
15 x 15 mm,
0.5 mm pitch
MIMX9554D
VTXQAA
95
4
Commercial 2.0
GHz
●
●
●
●
15 x 15 mm,
0.5 mm pitch
MIMX9544D
VTXQAA
95
4
Commercial 2.0
GHz
●
●
●
15 x 15 mm,
0.5 mm pitch
MIMX9542D
VTXQAA
95
2
Commercial 2.0
GHz
●
●
●
15 x 15 mm,
0.5 mm pitch
MIMX9536D
VTXQAA
95
6
Commercial 2.0
GHz
●
●
15 x 15 mm,
0.5 mm pitch
MIMX9534D
VTXQAA
95
4
Commercial 2.0
GHz
●
●
15 x 15 mm,
0.5 mm pitch
MIMX9532D
VTXQAA
95
2
Commercial 2.0
GHz
●
●
15 x 15 mm,
0.5 mm pitch
MIMX9516D
VTXQAA
95
6
Commercial 2.0
GHz
15 x 15 mm,
0.5 mm pitch
MIMX9514D
VTXQAA
95
4
Commercial 2.0
GHz
15 x 15 mm,
0.5 mm pitch
MIMX9512D
VTXQAA
95
2
Commercial 2.0
GHz
15 x 15 mm,
0.5 mm pitch
Table continues on the next page...
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
6 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com