Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 104 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 104 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 100Page - Omron Electronics LLC F39-LSGA Datasheet HTML 101Page - Omron Electronics LLC F39-LSGA Datasheet HTML 102Page - Omron Electronics LLC F39-LSGA Datasheet HTML 103Page - Omron Electronics LLC F39-LSGA Datasheet HTML 104Page - Omron Electronics LLC F39-LSGA Datasheet HTML 105Page - Omron Electronics LLC F39-LSGA Datasheet HTML 106Page - Omron Electronics LLC F39-LSGA Datasheet HTML 107Page - Omron Electronics LLC F39-LSGA Datasheet HTML 108Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 109 page
background image
Common to F3SG-SR and F3SG-PG
104
Intelligent Tap
If the Intelligent Tap detects any failure, it transitions to the LOCKOUT state. Under the LOCKOUT state, the ERR indicator is turned ON. Identify
an error according to the combination of the indicators when the error occurs. See the following troubleshooting tables to take measures.
For detail, Refer to User’s Manual (Man. No. Z405).
Note: 1. The signals output to IO-Link or IN and OUT indicators show the statuses of the F3SG-SR/PG or Intelligent Tap except their LOCKOUT
state.
2. The muting inputs A and B are kept in the OFF state when the LOCKOUT state occurs due to the power supply voltage error.
Description
Checking by
Error
code
(hex) *
Cause and measures
Indicator
SD Manager 3/
SD Manager 3
Mobile APP
Communication
error
X
X
1D
The communication lines or other lines may be short-circuited or broken.
Check the cables for cascading or extension cables.
If the wiring is extended with cables other than specified, the cables used for
extension may not have performance equivalent or greater than the specified
cables. Use cables with the same performance or more than the specified
cables.
Communication
error in Backup
X
X
1E
The communication lines or other lines may be short-circuited or broken.
Check the cables for cascading or extension cables.
If the wiring is extended with cables other than specified, the cables used for
extension may not have performance equivalent or greater than the specified
cables. Use cables with the same performance or more than the specified
cables.
Effect of noise may be excessive.
If other devices using the same power supply generate noise, do not share the
same power supply with other devices, and use a separate power supply
exclusively for the safety components.
The inductive noise tends to be induced especially if the power supply line of the
machine guarded and the power supply line of the Intelligent Tap are arranged
in parallel.
Arrange the exclusive power supply near the Intelligent Tap or lay the power
supply line of the Intelligent Tap away from the power supply line of the machine
guarded.
If the power supply for the Intelligent Tap is located near the power supply of the
machine guarded and it shares the same grounding wire, it is subject to the
influence of common mode noise.
Separate the grounding point or use it as the exclusive ground.
The internal circuit of the Intelligent Tap may be defective.
Replace the Intelligent Tap.
Communication error in Backup
Communication error in Restoration
Communication error between the
F3SG-SR/PG and the Intelligent Tap
Restoration failed
LOCKOUT state of the F3SG-SR/PG
IO-Link circuit error
Power supply voltage error, or
other errors
Green
Red
Green
Illuminated
OFF
Fast blinking
Slow blinking
ERR
(Red)
IN
(Yellow)
OUT
(Green/Red)
IO-Link
(Green)
Error description
Red
Combination of indicators and error description
Communication error
DIP Switch circuit error at startup
---
---
---
---
---
---
---
---
---
---
---
---
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com