Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 106 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 106 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 101Page - Omron Electronics LLC F39-LSGA Datasheet HTML 102Page - Omron Electronics LLC F39-LSGA Datasheet HTML 103Page - Omron Electronics LLC F39-LSGA Datasheet HTML 104Page - Omron Electronics LLC F39-LSGA Datasheet HTML 105Page - Omron Electronics LLC F39-LSGA Datasheet HTML 106Page - Omron Electronics LLC F39-LSGA Datasheet HTML 107Page - Omron Electronics LLC F39-LSGA Datasheet HTML 108Page - Omron Electronics LLC F39-LSGA Datasheet HTML 109Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 106 / 109 page
background image
Common to F3SG-SR and F3SG-PG
106
Bluetooth® Communication Unit
See the following troubleshooting table to take measures if any of the phenomena in the table occurs when in the connection with the Bluetooth®
Communication Unit.
* The procedure depends on the device you use for SD Manager 3. Refer to instruction manuals of the device.
Status
Measures
Communications cannot be established
Check if Bluetooth® Communication Unit is properly mounted.
Check if Bluetooth® function is enabled on the device you use for SD Manager 3.
Check if Bluetooth® Communication Unit is not being paired with another device.
Check if Bluetooth® Communication Unit and the device you use for SD Manager 3 are properly
paired (or the connection is verified). *
Check if Bluetooth® function of the device you use for SD Manager 3 supports SPP (Serial Port
Profile).
Check if a COM port is properly configured.
Check the noise level in the environment.
Check if there is any device that uses 2.4 GHz band.
Check if there is any obstruction between Bluetooth® Communication Unit and the device you use
for SD Manager 3. The maximum permissible line-of-sight distance is approximately 10 m.
The F3SG-SR/PG is under the SETTING state. Turn OFF and ON the power of the F3SG-SR/PG.
Files cannot be read from the outside while
the sensor is connected
The sensor model in the saved file does not match the sensor model in the file that you are about to
read in. Check the sensor model.
If a file is saved by SD Manager 3 of a newer version than your SD Manager 3, the file is not usable
on your SD Manager 3. Check the SD Manager 3 version.
F3SG-SR/PG does not go back to normal
state after terminating SD Manager 3
Restart F3SG-SR/PG. If SD Manager 3 does not operate normally even after restarted, use the
setup recovery function to restore to the factory default settings again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com