Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 114 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 114 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 110Page - Cirrus Logic WM8909 Datasheet HTML 111Page - Cirrus Logic WM8909 Datasheet HTML 112Page - Cirrus Logic WM8909 Datasheet HTML 113Page - Cirrus Logic WM8909 Datasheet HTML 114Page - Cirrus Logic WM8909 Datasheet HTML 115Page - Cirrus Logic WM8909 Datasheet HTML 116Page - Cirrus Logic WM8909 Datasheet HTML 117Page - Cirrus Logic WM8909 Datasheet HTML 118Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 363 page
background image
WM8994
114
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (0003h)
Power
Management
(3)
13
LINEOUT1N_ENA
0
LINEOUT1N Line Out and
LINEOUT1NMIX Enable
0 = Disabled
1 = Enabled
12
LINEOUT1P_ENA
0
LINEOUT1P Line Out and
LINEOUT1PMIX Enable
0 = Disabled
1 = Enabled
11
LINEOUT2N_ENA
0
LINEOUT2N Line Out and
LINEOUT2NMIX Enable
0 = Disabled
1 = Enabled
10
LINEOUT2P_ENA
0
LINEOUT2P Line Out and
LINEOUT2PMIX Enable
0 = Disabled
1 = Enabled
9
SPKRVOL_ENA
0
SPKMIXR Mixer and SPKRVOL
PGA Enable
0 = Disabled
1 = Enabled
Note that SPKMIXR and SPKRVOL
are also enabled when
SPKOUTR_ENA is set.
8
SPKLVOL_ENA
0
SPKMIXL Mixer and SPKLVOL
PGA Enable
0 = Disabled
1 = Enabled
Note that SPKMIXL and SPKLVOL
are also enabled when
SPKOUTL_ENA is set.
7
MIXOUTLVOL_ENA
0
MIXOUTL Left Volume Control
Enable
0 = Disabled
1 = Enabled
6
MIXOUTRVOL_ENA
0
MIXOUTR Right Volume Control
Enable
0 = Disabled
1 = Enabled
5
MIXOUTL_ENA
0
MIXOUTL Left Output Mixer Enable
0 = Disabled
1 = Enabled
4
MIXOUTR_ENA
0
MIXOUTR Right Output Mixer
Enable
0 = Disabled
1 = Enabled
R56 (0038h)
AntiPOP (1)
6
HPOUT2_IN_ENA
0
HPOUT2MIX Mixer and Input Stage
Enable
0 = Disabled
1 = Enabled
Table 53 Output Signal Paths Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com