Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 116 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 116 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 112Page - Cirrus Logic WM8909 Datasheet HTML 113Page - Cirrus Logic WM8909 Datasheet HTML 114Page - Cirrus Logic WM8909 Datasheet HTML 115Page - Cirrus Logic WM8909 Datasheet HTML 116Page - Cirrus Logic WM8909 Datasheet HTML 117Page - Cirrus Logic WM8909 Datasheet HTML 118Page - Cirrus Logic WM8909 Datasheet HTML 119Page - Cirrus Logic WM8909 Datasheet HTML 120Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 363 page
background image
WM8994
116
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (0001h)
Power
Management
(1)
9
HPOUT1L_ENA
0
Enables HPOUT1L input stage
0 = Disabled
1 = Enabled
For normal operation, this bit should
be set as the first step of the
HPOUT1L Enable sequence.
8
HPOUT1R_ENA
0
Enables HPOUT1R input stage
0 = Disabled
1 = Enabled
For normal operation, this bit should
be set as the first step of the
HPOUT1R Enable sequence.
R96 (0060h)
Analogue HP
(1)
7
HPOUT1L_RMV_
SHORT
0
Removes HPOUT1L short
0 = HPOUT1L short enabled
1 = HPOUT1L short removed
For normal operation, this bit should
be set as the final step of the
HPOUT1L Enable sequence.
6
HPOUT1L_OUTP
0
Enables HPOUT1L output stage
0 = Disabled
1 = Enabled
For normal operation, this bit should
be set to 1 after the DC offset
cancellation has been scheduled.
5
HPOUT1L_DLY
0
Enables HPOUT1L intermediate stage
0 = Disabled
1 = Enabled
For normal operation, this bit should
be set to 1 after the output signal path
has been configured, and before DC
offset cancellation is scheduled. This
bit should be set with at least 20us
delay after HPOUT1L_ENA.
3
HPOUT1R_RMV_
SHORT
0
Removes HPOUT1R short
0 = HPOUT1R short enabled
1 = HPOUT1R short removed
For normal operation, this bit should
be set as the final step of the
HPOUT1R Enable sequence.
2
HPOUT1R_OUTP
0
Enables HPOUT1R output stage
0 = Disabled
1 = Enabled
For normal operation, this bit should
be set to 1 after the DC offset
cancellation has been scheduled.
1
HPOUT1R_DLY
0
Enables HPOUT1R intermediate stage
0 = Disabled
1 = Enabled
For normal operation, this bit should
be set to 1 after the output signal path
has been configured, and before DC
offset cancellation is scheduled. This
bit should be set with at least 20us
delay after HPOUT1R_ENA.
Table 56 Headphone Output Signal Paths Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com