Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 119 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 119 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 115Page - Cirrus Logic WM8909 Datasheet HTML 116Page - Cirrus Logic WM8909 Datasheet HTML 117Page - Cirrus Logic WM8909 Datasheet HTML 118Page - Cirrus Logic WM8909 Datasheet HTML 119Page - Cirrus Logic WM8909 Datasheet HTML 120Page - Cirrus Logic WM8909 Datasheet HTML 121Page - Cirrus Logic WM8909 Datasheet HTML 122Page - Cirrus Logic WM8909 Datasheet HTML 123Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 363 page
background image
WM8994
Rev 4.6
119
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R46 (002Eh)
Output Mixer
(2)
5
IN2LN_TO_MIXOUTR
0
IN2LN to MIXOUTR Mute
0 = Mute
1 = Un-mute
Note that VMID_BUF_ENA must be
set when using the IN2LN input to
MIXOUTR.
R50 (0032h)
Output Mixer
(6)
8:6
IN2LN_MIXOUTR_VOL
[2:0]
000
IN2LN to MIXOUTR Volume
0dB to -21dB in 3dB steps
000 = 0dB
001 = -3dB
…(3dB steps)
111 = -21dB
(See Table 59 for Volume Range)
R46 (002Eh)
Output Mixer
(2)
4
IN2RN_TO_MIXOUTR
0
IN2RN to MIXOUTR Mute
0 = Mute
1 = Un-mute
Note that VMID_BUF_ENA must be
set when using the IN2RN input to
MIXOUTR.
R48 (0030h)
Output Mixer
(4)
8:6
IN2RN_MIXOUTR_VOL
[2:0]
000
IN2RN to MIXOUTR Volume
0dB to -21dB in 3dB steps
000 = 0dB
001 = -3dB
…(3dB steps)
111 = -21dB
(See Table 59 for Volume Range)
R46 (002Eh)
Output Mixer
(2)
3
IN1L_TO_MIXOUTR
0
IN1L PGA Output to MIXOUTR Mute
0 = Mute
1 = Un-mute
R48 (0030h)
Output Mixer
(4)
5:3
IN1L_MIXOUTR_VOL
[2:0]
000
IN1L PGA Output to MIXOUTR
Volume
0dB to -21dB in 3dB steps
000 = 0dB
001 = -3dB
…(3dB steps)
111 = -21dB
(See Table 59 for Volume Range)
R46 (002Eh)
Output Mixer
(2)
2
IN1R_TO_MIXOUTR
0
IN1R PGA Output to MIXOUTR
Mute
0 = Mute
1 = Un-mute
R48 (0030h)
Output Mixer
(4)
2:0
IN1R_MIXOUTR_VOL
[2:0]
000
IN1R PGA Output to MIXOUTR
Volume
0dB to -21dB in 3dB steps
000 = 0dB
001 = -3dB
…(3dB steps)
111 = -21dB
(See Table 59 for Volume Range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com