Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 126 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 126 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 122Page - Cirrus Logic WM8909 Datasheet HTML 123Page - Cirrus Logic WM8909 Datasheet HTML 124Page - Cirrus Logic WM8909 Datasheet HTML 125Page - Cirrus Logic WM8909 Datasheet HTML 126Page - Cirrus Logic WM8909 Datasheet HTML 127Page - Cirrus Logic WM8909 Datasheet HTML 128Page - Cirrus Logic WM8909 Datasheet HTML 129Page - Cirrus Logic WM8909 Datasheet HTML 130Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 363 page
background image
WM8994
126
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R29 (001Dh)
Right Output
Volume
8
HPOUT1_VU
N/A
Headphone Output PGA Volume
Update
Writing a 1 to this bit will update
HPOUT1LVOL and HPOUT1RVOL
volumes simultaneously.
7
HPOUT1R_ZC
0
HPOUT1RVOL (Right Headphone
Output PGA) Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6
HPOUT1R_MUTE_N
1
HPOUT1RVOL (Right Headphone
Output PGA) Mute
0 = Mute
1 = Un-mute
5:0
HPOUT1R_VOL [5:0]
2Dh
(-12dB)
HPOUT1RVOL (Right Headphone
Output PGA) Volume
-57dB to +6dB in 1dB steps
00_0000 = -57dB
00_0001 = -56dB
… (1dB steps)
11_1111 = +6dB
(See Table 65 for output PGA
volume control range)
R46 (002Eh)
Output Mixer
(2)
8
DAC1R_TO_HPOUT1
R
0
HPOUT1RVOL (Right Headphone
Output PGA) Input Select
0 = MIXOUTR
1 = DAC1R
Table 63 Headphone Output PGA (HPOUT1LVOL, HPOUT1RVOL) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com