Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 129 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 129 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 125Page - Cirrus Logic WM8909 Datasheet HTML 126Page - Cirrus Logic WM8909 Datasheet HTML 127Page - Cirrus Logic WM8909 Datasheet HTML 128Page - Cirrus Logic WM8909 Datasheet HTML 129Page - Cirrus Logic WM8909 Datasheet HTML 130Page - Cirrus Logic WM8909 Datasheet HTML 131Page - Cirrus Logic WM8909 Datasheet HTML 132Page - Cirrus Logic WM8909 Datasheet HTML 133Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 363 page
background image
WM8994
Rev 4.6
129
SPEAKER BOOST MIXER
Each class D/AB speaker driver has its own boost mixer which performs a dual role. It allows the
output from the left speaker mixer (via SPKLVOL), right speaker mixer (via SPKRVOL)
, or the ‘Direct
Voice’ path to be routed to either speaker driver. The speaker boost mixers are controlled using the
registers defined in Table 66 below.
The ‘Direct Voice’ path is the differential input, VRXN-VRXP, routed directly to the output drivers,
providing a low power differential path from baseband voice to loudspeakers. Note that a phase
inversion exists b
etween VRXP and SPKOUTxP. The ‘Direct Voice’ path output therefore represents
VVRXN - VVRXP.
The second function of the speaker boost mixers is that they provide an additional AC gain (boost)
function to shift signal levels between the AVDD1 and SPKVDD voltage domains for maximum output
power. The AC gain (boost) function is described in the
“Analogue Outputs” section.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R36 (0024h)
SPKOUT
Mixers
5
IN2LRP_TO_SPKOUT
L
0
Direct Voice (VRXN-VRXP) to Left
Speaker Mute
0 = Mute
1 = Un-mute
4
SPKMIXL_TO_SPKOU
TL
1
SPKMIXL Left Speaker Mixer to
Left Speaker Mute
0 = Mute
1 = Un-mute
3
SPKMIXR_TO_SPKO
UTL
0
SPKMIXR Right Speaker Mixer to
Left Speaker Mute
0 = Mute
1 = Un-mute
2
IN2LRP_TO_SPKOUT
R
0
Direct Voice (VRXN-VRXP) to Right
Speaker Mute
0 = Mute
1 = Un-mute
1
SPKMIXL_TO_SPKOU
TR
0
SPKMIXL Left Speaker Mixer to
Right Speaker Mute
0 = Mute
1 = Un-mute
0
SPKMIXR_TO_SPKO
UTR
1
SPKMIXR Right Speaker Mixer to
Right Speaker Mute
0 = Mute
1 = Un-mute
Table 66 Speaker Boost Mixer (SPKOUTLBOOST, SPKOUTRBOOST) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com