Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 131 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 131 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 127Page - Cirrus Logic WM8909 Datasheet HTML 128Page - Cirrus Logic WM8909 Datasheet HTML 129Page - Cirrus Logic WM8909 Datasheet HTML 130Page - Cirrus Logic WM8909 Datasheet HTML 131Page - Cirrus Logic WM8909 Datasheet HTML 132Page - Cirrus Logic WM8909 Datasheet HTML 133Page - Cirrus Logic WM8909 Datasheet HTML 134Page - Cirrus Logic WM8909 Datasheet HTML 135Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 363 page
background image
WM8994
Rev 4.6
131
LINE OUTPUT MIXERS
The WM8994 provides two pairs of line outputs, both with highly configurable output mixers. The
outputs LINEOUT1N and LINEOUT1P can be configured as two single-ended outputs or as a
differential output. In the same manner, LINEOUT2N and LINEOUT2P can be configured either as two
single-ended outputs or as a differential output. The respective line output mixers can be configured in
single-ended mode or differential mode; each mode supports multiple signal path configurations.
LINEOUT1 single-ended mode is selected by setting LINEOUT1_MODE = 1. In single-ended mode,
any of three possible signal paths may be enabled:
MIXOUTL (left output mixer) to LINEOUT1P
MIXOUTR (right output mixer) to LINEOUT1N
MIXOUTL (left output mixer) to LINEOUT1N
LINEOUT1 differential mode is selected by setting LINEOUT1_MODE = 0. In differential mode, any of
three possible signal paths may be enabled:
MIXOUTL (left output mixer) to LINEOUT1N and LINEOUT1P
IN1L (input PGA) to LINEOUT1N and LINEOUT1P
IN1R (input PGA) to LINEOUT1N and LINEOUT1P
The LINEOUT1 output mixers are controlled as described in Table 68. Care should be taken to avoid
clipping when enabling more than one path to the line output mixers. The LINEOUT1_VOL control can
be used to provide -6dB attenuation when more than one full scale signal is applied.
When using the LINEOUT1 mixers in single-ended mode, a buffered VMID must be enabled. This is
achieved by setting LINEOUT_VMID_BUF_ENA
, as described in the “Analogue Outputs” section.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R30 (001Eh)
Line Outputs
Volume
6
LINEOUT1N_MUTE
1
LINEOUT1N Line Output Mute
0 = Un-mute
1 = Mute
5
LINEOUT1P_MUTE
1
LINEOUT1P Line Output Mute
0 = Un-mute
1 = Mute
4
LINEOUT1_VOL
0
LINEOUT1 Line Output Volume
0 = 0dB
1 = -6dB
Applies to both LINEOUT1N and
LINEOUT1P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com