Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 137 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 137 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 133Page - Cirrus Logic WM8909 Datasheet HTML 134Page - Cirrus Logic WM8909 Datasheet HTML 135Page - Cirrus Logic WM8909 Datasheet HTML 136Page - Cirrus Logic WM8909 Datasheet HTML 137Page - Cirrus Logic WM8909 Datasheet HTML 138Page - Cirrus Logic WM8909 Datasheet HTML 139Page - Cirrus Logic WM8909 Datasheet HTML 140Page - Cirrus Logic WM8909 Datasheet HTML 141Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 363 page
background image
WM8994
Rev 4.6
137
where appropriate, to ensure there is no active audio signal present during the DC Servo
measurements.
Writing a logic 1 to DCS_TRIG_DAC_WR_n causes the DC offset correction to be set to the value
contained in the DCS_DAC_WR_VAL_n fields in Register R89. This mode is useful if the required
offset
correction
has
already
been
determined
and
stored;
it
is
faster
than
the
DCS_TRIG_STARTUP_n mode, but relies on the accuracy of the stored settings. Completion of the
DC offset correction triggered in this way is indicated by the DCS_DAC_WR_COMPLETE field, as
described in Table 71. Typically, this operation takes 2ms per channel.
For pop-free operation of the DC Servo DAC Write mode, it is important that the mode is scheduled at
the correct position within the Headphone Output Enable sequence, as described in the
“Analogue
Output Signal Path
” section.
The current DC offset value for each Headphone output channel can be read from the
DCS_DAC_WR_VAL_n fields. These values may form the basis of settings that are subsequently
used by the DC Servo in DAC Write mode. Note that these fields have a different definition for Read
and Write, as described in Table 71.
When using either of the DC Servo options above, the status of the DC offset correction process is
indicated
by
the
DCS_CAL_COMPLETE
field;
this
is
the
logical
OR
of
the
DCS_STARTUP_COMPLETE and DCS_DAC_WR_COMPLETE fields.
The DCS_DAC_WR_COMPLETE bits can be used as inputs to the Interrupt control circuit or used to
generate an external logic signal on a GPIO pin. See “Interrupts” and “General Purpose Input/Output”
for further details.
The DC Servo control fields associated with start-up operation are described in Table 71. It is
important to note that, to minimise audible pops/clicks, the Start-Up and DAC Write modes of DC
Servo operation should be commanded as part of a control sequence which includes muting and
shorting of the headphone outputs; a suitable sequence is defined in the default Start-Up sequence.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R84 (0054h)
DC Servo (1)
5
DCS_TRIG_START
UP_1
0
Writing 1 to this bit selects Start-
Up DC Servo mode for
HPOUT1R.
In readback, a value of 1
indicates that the DC Servo
Start-Up correction is in
progress.
4
DCS_TRIG_START
UP_0
0
Writing 1 to this bit selects Start-
Up DC Servo mode for
HPOUT1L.
In readback, a value of 1
indicates that the DC Servo
Start-Up correction is in
progress.
3
DCS_TRIG_DAC_W
R_1
0
Writing 1 to this bit selects DAC
Write DC Servo mode for
HPOUT1R.
In readback, a value of 1
indicates that the DC Servo DAC
Write correction is in progress.
2
DCS_TRIG_DAC_W
R_0
0
Writing 1 to this bit selects DAC
Write DC Servo mode for
HPOUT1L.
In readback, a value of 1
indicates that the DC Servo DAC
Write correction is in progress.
1
DCS_ENA_CHAN_1
0
DC Servo enable for HPOUT1R
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com