Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 141 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 141 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 137Page - Cirrus Logic WM8909 Datasheet HTML 138Page - Cirrus Logic WM8909 Datasheet HTML 139Page - Cirrus Logic WM8909 Datasheet HTML 140Page - Cirrus Logic WM8909 Datasheet HTML 141Page - Cirrus Logic WM8909 Datasheet HTML 142Page - Cirrus Logic WM8909 Datasheet HTML 143Page - Cirrus Logic WM8909 Datasheet HTML 144Page - Cirrus Logic WM8909 Datasheet HTML 145Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 363 page
background image
WM8994
Rev 4.6
141
SPKVDD1
SPKGND1
SPKOUTLP
SPKOUTLN
SPKVDD2
SPKGND2
SPKOUTRP
SPKOUTRN
SPKVDD1
SPKGND1
SPKOUTLP
SPKOUTLN
SPKVDD2
SPKGND2
SPKOUTRP
SPKOUTRN
Stereo
Mono
Figure 34 Stereo / Mono Speaker Output Configurations
Eight levels of AC signal boost are provided in order to deliver maximum output power for many
commonly-used SPKVDD/AVDD1 combinations. (Note that SPKVDD1 powers the Left Speaker
driver, and SPKVDD2 powers the Right Speaker driver; it is assumed that SPKVDD1 = SPKVDD2 =
SPKVDD.)
The signal boost options are available in both Class AB and Class D modes. The AC boost levels
from 0dB to +12dB are selected using register bits SPKOUTL_BOOST and SPKOUTR_BOOST. To
prevent pop noise, SPKOUTL_BOOST and SPKOUTR_BOOST should not be modified while the
speaker outputs are enabled. Figure 35 illustrates the speaker outputs and the mixing and gain/boost
options available.
Ultra-low leakage and high PSRR allow the speaker supply SPKVDD to be directly connected to a
lithium battery. Note that an appropriate SPKVDD supply voltage must be provided to prevent
waveform clipping when speaker boost is used.
DC gain is applied automatically in both class AB and class D modes with a shift from VMID to
SPKVDD/2. This provides optimum signal swing for maximum output power. In class AB mode, an
ultra-high PSRR mode is available, in which the DC reference for the speaker driver is fixed at VMID.
This mode is selected by enabling the SPKAB_REF_SEL bit (see Table 74). In this mode, the output
power is limited but the driver will still be capable of driving more than 500mW in 8
 while maintaining
excellent suppression of noise on SPKVDD (for example, TDMA noise in a GSM phone application).
The AC and DC gain functions are illustrated in Figure 35.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com