Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 142 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 142 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 138Page - Cirrus Logic WM8909 Datasheet HTML 139Page - Cirrus Logic WM8909 Datasheet HTML 140Page - Cirrus Logic WM8909 Datasheet HTML 141Page - Cirrus Logic WM8909 Datasheet HTML 142Page - Cirrus Logic WM8909 Datasheet HTML 143Page - Cirrus Logic WM8909 Datasheet HTML 144Page - Cirrus Logic WM8909 Datasheet HTML 145Page - Cirrus Logic WM8909 Datasheet HTML 146Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 363 page
background image
WM8994
142
Rev 4.6
SPKOUTL_BOOST[2:0]
SPKOUTL_BOOST
SPKOUTR_BOOST
000 = 1.00x (+0dB)
SPKGNDn
SPKVDDn/2
SPKVDDn
Signal x BOOST
SPKLVOL[6:0]
VMID
AVDD1
Signal x BOOST is
automatically
centred around
SPKVDDn/2
AVDD1
AGND
SPKMIXL
SPKVDD1
SPKGND1
Direct Voice
SPKOUTLP
SPKOUTLN
001 = 1.19x (+1.5dB)
010 = 1.41x (+3.0dB)
100 = 2.00x (+6.0dB)
101 = 2.37x (+7.5dB)
011 = 1.68x (+4.5dB)
110 = 2.81x (+9.0dB)
111 = 3.98x (+12.0dB)
-57dB to +6dB,
1dB steps
SPKOUTR_BOOST[2:0]
SPKRVOL[6:0]
AVDD1
AGND
SPKMIXR
SPKVDD2
SPKGND2
SPKOUTRP
SPKOUTRN
-57dB to +6dB,
1dB steps
AGND
Figure 35 Speaker Output Configuration and AC Boost Operation
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R35 (0023h)
SPKMIXR
Attenuation
8
SPKOUT_CLASSAB
0
Speaker Class AB Mode Enable
0 = Class D mode
1 = Class AB mode
R37 (0025h)
ClassD
5:3
SPKOUTL_BOOST
[2:0]
000
(1.0x)
Left Speaker Gain Boost
000 = 1.00x boost (+0dB)
001 = 1.19x boost (+1.5dB)
010 = 1.41x boost (+3.0dB)
011 = 1.68x boost (+4.5dB)
100 = 2.00x boost (+6.0dB)
101 = 2.37x boost (+7.5dB)
110 = 2.81x boost (+9.0dB)
111 = 3.98x boost (+12.0dB)
2:0
SPKOUTR_BOOST
[2:0]
000
(1.0x)
Right Speaker Gain Boost
000 = 1.00x boost (+0dB)
001 = 1.19x boost (+1.5dB)
010 = 1.41x boost (+3.0dB)
011 = 1.68x boost (+4.5dB)
100 = 2.00x boost (+6.0dB)
101 = 2.37x boost (+7.5dB)
110 = 2.81x boost (+9.0dB)
111 = 3.98x boost (+12.0dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com