Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 157 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 157 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 153Page - Cirrus Logic WM8909 Datasheet HTML 154Page - Cirrus Logic WM8909 Datasheet HTML 155Page - Cirrus Logic WM8909 Datasheet HTML 156Page - Cirrus Logic WM8909 Datasheet HTML 157Page - Cirrus Logic WM8909 Datasheet HTML 158Page - Cirrus Logic WM8909 Datasheet HTML 159Page - Cirrus Logic WM8909 Datasheet HTML 160Page - Cirrus Logic WM8909 Datasheet HTML 161Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 363 page
background image
WM8994
Rev 4.6
157
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6
AIF1DRC2_SIG_
DET
0
AIF1 DRC2 Signal Detect Enable
0 = Disabled
1 = Enabled
R1344
(0540h)
AIF2 DRC (1)
15:11
AIF2DRC_SIG_D
ET_RMS [4:0]
00000
AIF2 DRC Signal Detect RMS
Threshold.
This is the RMS signal level for signal
detect to be indicated when
AIF2DRC_SIG_DET_MODE=1.
00000 = -30dB
00001 = -31.5dB
…. (1.5dB steps)
11110 = -75dB
11111 = -76.5dB
10:9
AIF2DRC_SIG_D
ET_PK [1:0]
00
AIF2 DRC Signal Detect Peak
Threshold.
This is the Peak/RMS ratio, or Crest
Factor, level for signal detect to be
indicated when
AIF2DRC_SIG_DET_MODE=0.
00 = 12dB
01 = 18dB
10 = 24dB
11 = 30dB
7
AIF2DRC_SIG_D
ET_MODE
1
AIF2 DRC Signal Detect Mode
0 = Peak threshold mode
1 = RMS threshold mode
6
AIF2DRC_SIG_D
ET
0
AIF2 DRC Signal Detect Enable
0 = Disabled
1 = Enabled
Table 84 DRC Signal Activity Detect GPIO/Interrupt Control
CONTROL WRITE SEQUENCER STATUS DETECTION
The WM8994 Control Write Sequencer (WSEQ) can be used to execute a sequence of register write
operations in response to a simple trigger event. When the Control Write Sequencer is executing a
sequence, normal access to the register map via the Control Interface is restricted. See “Control Write
Sequencer
” for details of the Control Write Sequencer.
The WM8994 generates a signal indicating the status of the Control Write Sequencer, in order to
signal to the host processor whether the Control Interface functionality is restricted due to an ongoing
Control Sequence. The WSEQ_DONE flag indicates that the sequencer has completed the
commanded sequence.
The Write Sequencer status may be output directly on any GPIO pin by setting the respective GPIO
registers as described in “GPIO Control”.
The Write Sequencer status is an input to the Interrupt control circuit. An interrupt event is triggered
on completion of a Control Sequence. The associated interrupt bit is latched once set; it can be polled
at any time or used to control the IRQ signal. See “Interrupts” for more details of the Interrupt event
handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com