Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 158 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 158 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 154Page - Cirrus Logic WM8909 Datasheet HTML 155Page - Cirrus Logic WM8909 Datasheet HTML 156Page - Cirrus Logic WM8909 Datasheet HTML 157Page - Cirrus Logic WM8909 Datasheet HTML 158Page - Cirrus Logic WM8909 Datasheet HTML 159Page - Cirrus Logic WM8909 Datasheet HTML 160Page - Cirrus Logic WM8909 Datasheet HTML 161Page - Cirrus Logic WM8909 Datasheet HTML 162Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 363 page
background image
WM8994
158
Rev 4.6
DIGITAL CORE FIFO ERROR STATUS DETECTION
The WM8994 monitors the Digital Core for error conditions which may occur if a clock rate mismatch
is detected. Under these conditions, the digital audio may become corrupted.
The most likely cause of a Digital Core FIFO Error condition is an incorrect system clocking
configuration. See “Clocking and Sample Rates” for the WM8994 system clocking requirements.
The Digital Core FIFO Error function is provided in order that the system configuration can be verified
during product development.
The FIFO Error signal may be output directly on any GPIO pin by setting the respective GPIO
registers as described in “GPIO Control”.
The FIFO Error signal is an input to the Interrupt control circuit. An interrupt event is triggered on the
rising edge of the FIFO Error signal. The associated interrupt bit is latched once set; it can be polled at
any time or used to control the
IRQ signal. See “Interrupts” for more details of the Interrupt event
handling.
OPCLK CLOCK OUTPUT
A clock output (OPCLK) derived from SYSCLK may be output on any GPIO pin by setting the
respective GPIO registers as described in
“GPIO Control”. This clock is enabled by register bit
OPCLK_ENA, and its frequency is controlled by OPCLK_DIV.
See “Clocking and Sample Rates” for more details of the System Clock (SYSCLK).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (0002h)
Power
Management
(2)
11
OPCLK_EN
A
0
GPIO Clock Output (OPCLK) Enable
0 = Disabled
1 = Enabled
R521 (0209h)
Clocking 1
2:0
OPCLK_DIV
000
GPIO Output Clock (OPCLK) Divider
000 = SYSCLK
001 = SYSCLK / 2
010 = SYSCLK / 3
011 = SYSCLK / 4
100 = SYSCLK / 6
101 = SYSCLK / 8
110 = SYSCLK / 12
111 = SYSCLK / 16
Table 85 OPCLK Control
FLL CLOCK OUTPUT
The FLL Clock outputs may be output directly on any GPIO pin by setting the respective GPIO
registers as described in “GPIO Control”.
See “Clocking and Sample Rates” for more details of the WM8994 system clocking and for details of
how to enable and configure the Frequency Locked Loops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com