Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 162 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 162 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 158Page - Cirrus Logic WM8909 Datasheet HTML 159Page - Cirrus Logic WM8909 Datasheet HTML 160Page - Cirrus Logic WM8909 Datasheet HTML 161Page - Cirrus Logic WM8909 Datasheet HTML 162Page - Cirrus Logic WM8909 Datasheet HTML 163Page - Cirrus Logic WM8909 Datasheet HTML 164Page - Cirrus Logic WM8909 Datasheet HTML 165Page - Cirrus Logic WM8909 Datasheet HTML 166Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 363 page
background image
WM8994
162
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1842
(0732h)
Interrupt Raw
Status 2
15
TEMP_WAR
N_STS
0
Temperature Warning status
0 = Temperature is below warning level
1 = Temperature is above warning level
14
DCS_DONE
_STS
0
DC Servo status
0 = DC Servo not complete
1 = DC Servo complete
13
WSEQ_DO
NE_STS
0
Write Sequencer status
0 = Sequencer Busy (sequence in progress)
1 = Sequencer Idle
12
FIFOS_ERR
_STS
0
Digital Core FIFO Error status
0 = Normal operation
1 = FIFO Error
11
AIF2DRC_SI
G_DET_ST
S
0
AIF2 DRC Signal Detect status
0 = Signal threshold not exceeded
1 = Signal threshold exceeded
10
AIF1DRC2_
SIG_DET_S
TS
0
AIF1 DRC2 (Timeslot 1) Signal Detect status
0 = Signal threshold not exceeded
1 = Signal threshold exceeded
9
AIF1DRC1_
SIG_DET_S
TS
0
AIF1 DRC1 (Timeslot 0) Signal Detect status
0 = Signal threshold not exceeded
1 = Signal threshold exceeded
8
SRC2_LOC
K_STS
0
SRC2 Lock status
0 = Not locked
1 = Locked
7
SRC1_LOC
K_STS
0
SRC1 Lock status
0 = Not locked
1 = Locked
6
FLL2_LOCK
_STS
0
FLL2 Lock status
0 = Not locked
1 = Locked
5
FLL1_LOCK
_STS
0
FLL1 Lock status
0 = Not locked
1 = Locked
4
MIC2_SHRT
_STS
0
MICBIAS2 Short Circuit status
0 = Short Circuit threshold not exceeded
1 = Short Circuit threshold exceeded
3
MIC2_DET_
STS
0
MICBIAS2 Current Detect status
0 = Current detect threshold not exceeded
1 = Current detect threshold exceeded
2
MIC1_SHRT
_STS
0
MICBIAS1 Short Circuit status
0 = Short Circuit threshold not exceeded
1 = Short Circuit threshold exceeded
1
MIC1_DET_
STS
0
MICBIAS1 Current Detect status
0 = Current detect threshold not exceeded
1 = Current detect threshold exceeded
0
TEMP_SHU
T_STS
0
Temperature Shutdown status
0 = Temperature is below shutdown level
1 = Temperature is above shutdown level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com