Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 166 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 166 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 162Page - Cirrus Logic WM8909 Datasheet HTML 163Page - Cirrus Logic WM8909 Datasheet HTML 164Page - Cirrus Logic WM8909 Datasheet HTML 165Page - Cirrus Logic WM8909 Datasheet HTML 166Page - Cirrus Logic WM8909 Datasheet HTML 167Page - Cirrus Logic WM8909 Datasheet HTML 168Page - Cirrus Logic WM8909 Datasheet HTML 169Page - Cirrus Logic WM8909 Datasheet HTML 170Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 363 page
background image
WM8994
166
Rev 4.6
DIGITAL AUDIO INTERFACE
The WM8994 provides digital audio interfaces for inputting DAC data and outputting ADC or Digital
Microphone data. Flexible routing options also allow digital audio to be switched or mixed between
interfaces without involving any DAC or ADC.
The WM8994 provides two full audio interfaces, AIF1 and AIF2. A third interface, AIF3, is partially
supported, using multiplexers to re-configure alternate connections to AIF1 or AIF2.
The digital audio interfaces provide flexible connectivity with multiple processors (eg. Applications
processor, Baseband processor and Wireless transceiver). A typical configuration is illustrated in
Figure 44.
Audio Interface 1
Audio Interface 2
Audio Interface 3
Applications
Processor
Baseband
Processor
Wireless
Transceiver
WM8994
Figure 44 Typical AIF Connections
In the general case, the digital audio interface uses four pins:
ADCDAT: ADC data output
DACDAT: DAC data input
LRCLK: Left/Right data alignment clock
BCLK: Bit clock, for synchronisation
In master interface mode, the clock signals BCLK and LRCLK are outputs from the WM8994. In slave
mode, these signals are inputs, as illustrated below.
As an option, a GPIO pin can be configured as the Left/Right clock for the ADC. In this case, the
LRCLK pin is dedicated to the DAC, allowing the ADC and DAC to be clocked independently.
Four different audio data formats are supported each digital audio interface:
Left justified
Right justified
I2S
DSP mode
All four of these modes are MSB first. They are described in the following sections. Refer to the
“Signal Timing Requirements” section for timing information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com