Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 165 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 165 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 161Page - Cirrus Logic WM8909 Datasheet HTML 162Page - Cirrus Logic WM8909 Datasheet HTML 163Page - Cirrus Logic WM8909 Datasheet HTML 164Page - Cirrus Logic WM8909 Datasheet HTML 165Page - Cirrus Logic WM8909 Datasheet HTML 166Page - Cirrus Logic WM8909 Datasheet HTML 167Page - Cirrus Logic WM8909 Datasheet HTML 168Page - Cirrus Logic WM8909 Datasheet HTML 169Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 363 page
background image
WM8994
Rev 4.6
165
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1856
(0740h)
Interrupt
Control
0
IM_IRQ
0
IRQ Output mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
R1864
(0748h)
IRQ
Debounce
5
TEMP_WAR
N_DB
1
Temperature Warning de-bounce
0 = Disabled
1 = Enabled
4
MIC2_SHRT
_DB
1
MICBIAS2 Short Circuit de-bounce
0 = Disabled
1 = Enabled
3
MIC2_DET_
DB
1
MICBIAS2 Current Detect de-bounce
0 = Disabled
1 = Enabled
2
MIC1_SHRT
_DB
1
MICBIAS1 Short Circuit de-bounce
0 = Disabled
1 = Enabled
1
MIC1_DET_
DB
1
MICBIAS1 Current Detect de-bounce
0 = Disabled
1 = Enabled
0
TEMP_SHU
T_DB
1
Temperature Shutdown de-bounce
0 = Disabled
1 = Enabled
Table 86 Interrupt Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com