Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 164 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 164 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 160Page - Cirrus Logic WM8909 Datasheet HTML 161Page - Cirrus Logic WM8909 Datasheet HTML 162Page - Cirrus Logic WM8909 Datasheet HTML 163Page - Cirrus Logic WM8909 Datasheet HTML 164Page - Cirrus Logic WM8909 Datasheet HTML 165Page - Cirrus Logic WM8909 Datasheet HTML 166Page - Cirrus Logic WM8909 Datasheet HTML 167Page - Cirrus Logic WM8909 Datasheet HTML 168Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 363 page
background image
WM8994
164
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1849
(0739h)
Interrupt
Status 2
Mask
15
IM_TEMP_
WARN_EIN
T
1
Temperature Warning Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
14
IM_DCS_D
ONE_EINT
1
DC Servo Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
13
IM_WSEQ_
DONE_EINT
1
Write Sequencer Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
12
IM_FIFOS_
ERR_EINT
1
Digital Core FIFO Error Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
11
IM_AIF2DR
C_SIG_DET
_EINT
1
AIF2 DRC Activity Detect Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
10
IM_AIF1DR
C2_SIG_DE
T_EINT
1
AIF1 DRC2 (Timeslot 1) Activity Detect
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
9
IM_AIF1DR
C1_SIG_DE
T_EINT
1
AIF1 DRC1 (Timeslot 0) Activity Detect
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
8
IM_SRC2_L
OCK_EINT
1
SRC2 Lock Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
7
IM_SRC1_L
OCK_EINT
1
SRC1 Lock Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
6
IM_FLL2_L
OCK_EINT
1
FLL2 Lock Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
5
IM_FLL1_L
OCK_EINT
1
FLL1 Lock Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
4
IM_MIC2_S
HRT_EINT
1
MICBIAS2 Short Circuit Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
3
IM_MIC2_D
ET_EINT
1
MICBIAS2 Current Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
2
IM_MIC1_S
HRT_EINT
1
MICBIAS1 Short Circuit Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
1
IM_MIC1_D
ET_EINT
1
MICBIAS1 Current Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
0
IM_TEMP_S
HUT_EINT
1
Temperature Shutdown Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com