Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 178 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 178 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 174Page - Cirrus Logic WM8909 Datasheet HTML 175Page - Cirrus Logic WM8909 Datasheet HTML 176Page - Cirrus Logic WM8909 Datasheet HTML 177Page - Cirrus Logic WM8909 Datasheet HTML 178Page - Cirrus Logic WM8909 Datasheet HTML 179Page - Cirrus Logic WM8909 Datasheet HTML 180Page - Cirrus Logic WM8909 Datasheet HTML 181Page - Cirrus Logic WM8909 Datasheet HTML 182Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 363 page
background image
WM8994
178
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R769 (0301h)
AIF1 Control
(2)
15
AIF1DACL_
SRC
0
AIF1 Left Receive Data Source Select
0 = Left DAC receives left interface data
1 = Left DAC receives right interface data
14
AIF1DACR_
SRC
1
AIF1 Right Receive Data Source Select
0 = Right DAC receives left interface data
1 = Right DAC receives right interface data
11:10
AIF1DAC_B
OOST [1:0]
00
AIF1 Input Path Boost
00 = 0dB
01 = +6dB (input must not exceed -6dBFS)
10 = +12dB (input must not exceed -12dBFS)
11 = +18dB (input must not exceed -18dBFS)
R774 (0306h)
AIF1 DAC
Data
1
AIF1DACL_
DAT_INV
0
AIF1 Left Receive Data Invert
0 = Not inverted
1 = Inverted
0
AIF1DACR_
DAT_INV
0
AIF1 Right Receive Data Invert
0 = Not inverted
1 = Inverted
R775 (0307h)
AIF1 ADC
Data
1
AIF1ADCL_
DAT_INV
0
AIF1 Left Transmit Data Invert
0 = Not inverted
1 = Inverted
0
AIF1ADCR_
DAT_INV
0
AIF1 Right Transmit Data Invert
0 = Not inverted
1 = Inverted
Table 90 AIF1 Digital Audio Data Control
AIF1 - MONO MODE
AIF1 can be configured to operate in mono DSP mode by setting AIF1_MONO = 1 as described in
Table 91. Note that mono mode is only supported in DSP mode, ie when AIF1_FMT = 11.
In mono mode, the Left channel data or the Right channel data may be selected for output on
ADCDAT1. The selected channel is determined by the AIF1ADC1L_ENA and AIF1ADC1R_ENA bits.
(If both bits are set, then the Right channel data is selected.)
In mono mode, the DACDAT1 input can be enabled on the Left and/or Right signal paths using the
AIF1DAC1L_ENA and AIF1DAC1R_ENA bits. The mono input can be enabled on both paths at the
same time if required.
In mono mode, the number of BCLK cycles per LRCLK frame must be less than double the AIF1 word
length. This requires AIF1DAC_RATE to be less than double the value selected by the AIF1_WL
register. When the GPIO1 pin is configured as ADCLRCLK1, then AIF1ADC_RATE must also be less
than double the value selected by the AIF1_WL register. See Table 89 for details of the
AIF1DAC_RATE and AIF1ADC_RATE registers.
Note that AIF1 TDM mode and AIF1 Mono mode cannot be supported simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R769 (0301h)
AIF1 Control
(2)
8
AIF1_MONO
0
AIF1 DSP Mono Mode
0 = Disabled
1 = Enabled
Note that Mono Mode is only supported when
AIF1_FMT = 11. The number of BCLK cycles
per LRCLK frame must be less the 2 x AIF1
Word Length.
Table 91 AIF1 Mono Mode Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com