Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 180 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 180 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 176Page - Cirrus Logic WM8909 Datasheet HTML 177Page - Cirrus Logic WM8909 Datasheet HTML 178Page - Cirrus Logic WM8909 Datasheet HTML 179Page - Cirrus Logic WM8909 Datasheet HTML 180Page - Cirrus Logic WM8909 Datasheet HTML 181Page - Cirrus Logic WM8909 Datasheet HTML 182Page - Cirrus Logic WM8909 Datasheet HTML 183Page - Cirrus Logic WM8909 Datasheet HTML 184Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 363 page
background image
WM8994
180
Rev 4.6
u-law Companding
0
20
40
60
80
100
120
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Normalised Input
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Figure 63 µ-Law Companding
A-law Companding
0
20
40
60
80
100
120
0
0.2
0.4
0.6
0.8
1
Normalised Input
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Figure 64 A-Law Companding
AIF1 - LOOPBACK
The AIF1 interface can provide a Loopback option. When the AIF1_LOOPBACK bit is set, then AIF1
digital audio output is routed to the AIF1 digital audio input. The normal input (DACDAT1) is not used
when AIF1 Loopback is enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R769 (0301h)
AIF1 Control
(2)
0
AIF1_LOOP
BACK
0
AIF1 Digital Loopback Function
0 = No loopback
1 = Loopback enabled (ADCDAT1 data output
is directly input to DACDAT1 data input).
Table 94 AIF1 Loopback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com