Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 184 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 184 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 180Page - Cirrus Logic WM8909 Datasheet HTML 181Page - Cirrus Logic WM8909 Datasheet HTML 182Page - Cirrus Logic WM8909 Datasheet HTML 183Page - Cirrus Logic WM8909 Datasheet HTML 184Page - Cirrus Logic WM8909 Datasheet HTML 185Page - Cirrus Logic WM8909 Datasheet HTML 186Page - Cirrus Logic WM8909 Datasheet HTML 187Page - Cirrus Logic WM8909 Datasheet HTML 188Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 363 page
background image
WM8994
184
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R787 (0313h)
AIF2 BCLK
8:4
AIF2_BCLK
_DIV [4:0]
00100
BCLK2 Rate
00000 = AIF2CLK
00001 = AIF2CLK / 1.5
00010 = AIF2CLK / 2
00011 = AIF2CLK / 3
00100 = AIF2CLK / 4
00101 = AIF2CLK / 5
00110 = AIF2CLK / 6
00111 = AIF2CLK / 8
01000 = AIF2CLK / 11
01001 = AIF2CLK / 12
01010 = AIF2CLK / 16
01011 = AIF2CLK / 22
01100 = AIF2CLK / 24
01101 = AIF2CLK / 32
01110 = AIF2CLK / 44
01111 = AIF2CLK / 48
10000 = AIF2CLK / 64
10001 = AIF2CLK / 88
10010 = AIF2CLK / 96
10011 = AIF2CLK / 128
10100 = AIF2CLK / 176
10101 = AIF2CLK / 192
10110 - 11111 = Reserved
R788 (0314h)
AIF2ADC
LRCLK
11
AIF2ADC_L
RCLK_DIR
0
Allows ADCLRCLK2 to be enabled in Slave
mode
0 = Normal
1 = ADCLRCLK2 enabled in Slave mode
10:0
AIF2ADC_R
ATE [10:0]
040h
ADCLRCLK2 Rate
ADCLRCLK2 clock output =
BCLK2 / AIF2ADC_RATE
Integer (LSB = 1)
Valid from 8..2047
R789 (0315h)
AIF2DAC
LRCLK
11
AIF2DAC_L
RCLK_DIR
0
Allows LRCLK2 to be enabled in Slave mode
0 = Normal
1 = LRCLK2 enabled in Slave mode
10:0
AIF2DAC_R
ATE [10:0]
040h
LRCLK2 Rate
LRCLK2 clock output =
BCLK2 / AIF2DAC_RATE
Integer (LSB = 1)
Valid from 8..2047
Table 97 AIF2 BCLK and LRCLK Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com