Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 186 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 186 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 182Page - Cirrus Logic WM8909 Datasheet HTML 183Page - Cirrus Logic WM8909 Datasheet HTML 184Page - Cirrus Logic WM8909 Datasheet HTML 185Page - Cirrus Logic WM8909 Datasheet HTML 186Page - Cirrus Logic WM8909 Datasheet HTML 187Page - Cirrus Logic WM8909 Datasheet HTML 188Page - Cirrus Logic WM8909 Datasheet HTML 189Page - Cirrus Logic WM8909 Datasheet HTML 190Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 363 page
background image
WM8994
186
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R785 (0311h)
AIF2 Control
(2)
15
AIF2DACL_
SRC
0
AIF2 Left Receive Data Source Select
0 = Left DAC receives left interface data
1 = Left DAC receives right interface data
14
AIF2DACR_
SRC
1
AIF2 Right Receive Data Source Select
0 = Right DAC receives left interface data
1 = Right DAC receives right interface data
13
AIF2DAC_T
DM
0
AIF2 receive (DAC) TDM Enable
0 = Normal DACDAT2 operation
1 = TDM enabled on DACDAT2
12
AIF2DAC_T
DM_CHAN
0
AIF2 receive (DAC) TDM Slot Select
0 = Slot 0
1 = Slot 1
11:10
AIF2DAC_B
OOST [1:0]
00
AIF2 Input Path Boost
00 = 0dB
01 = +6dB (input must not exceed -6dBFS)
10 = +12dB (input must not exceed -12dBFS)
11 = +18dB (input must not exceed -18dBFS)
R790 (0316h)
AIF2 DAC
Data
1
AIF2DACL_
DAT_INV
0
AIF2 Left Receive Data Invert
0 = Not inverted
1 = Inverted
0
AIF2DACR_
DAT_INV
0
AIF2 Right Receive Data Invert
0 = Not inverted
1 = Inverted
R791 (0317h)
AIF2 ADC
Data
1
AIF2ADCL_
DAT_INV
0
AIF2 Left Transmit Data Invert
0 = Not inverted
1 = Inverted
0
AIF2ADCR_
DAT_INV
0
AIF2 Right Transmit Data Invert
0 = Not inverted
1 = Inverted
Table 98 AIF2 Digital Audio Data Control
AIF2 - MONO MODE
AIF2 can be configured to operate in mono DSP mode by setting AIF2_MONO = 1 as described in
Table 99. Note that mono mode is only supported in DSP mode, ie when AIF2_FMT = 11.
In mono mode, the Left channel data or the Right channel data may be selected for output on
ADCDAT2. The selected channel is determined by the AIF2ADCL_ENA and AIF2ADCR_ENA bits. (If
both bits are set, then the Right channel data is selected.)
In mono mode, the DACDAT2 input can be enabled on the Left and/or Right signal paths using the
AIF2DACL_ENA and AIF2DACR_ENA bits. The mono input can be enabled on both paths at the
same time if required.
In mono mode, the number of BCLK cycles per LRCLK frame must be less than double the AIF2 word
length. This requires AIF2DAC_RATE to be less than double the value selected by the AIF2_WL
register. When the GPIO6 pin is configured as ADCLRCLK2, then AIF2ADC_RATE must also be less
than double the value selected by the AIF2_WL register. See Table 89 for details of the
AIF2DAC_RATE and AIF2ADC_RATE registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com