Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 188 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 188 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 184Page - Cirrus Logic WM8909 Datasheet HTML 185Page - Cirrus Logic WM8909 Datasheet HTML 186Page - Cirrus Logic WM8909 Datasheet HTML 187Page - Cirrus Logic WM8909 Datasheet HTML 188Page - Cirrus Logic WM8909 Datasheet HTML 189Page - Cirrus Logic WM8909 Datasheet HTML 190Page - Cirrus Logic WM8909 Datasheet HTML 191Page - Cirrus Logic WM8909 Datasheet HTML 192Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 363 page
background image
WM8994
188
Rev 4.6
AUDIO INTERFACE AIF3 CONFIGURATION
The WM8994 provides two full audio interfaces, AIF1 and AIF2. A third interface, AIF3, is partially
supported, using multiplexers to re-configure alternate connections to AIF1 or AIF2. The relevant
multiplexers are illustrated in Figure 66.
Note that, in addition to providing alternate input / output pins to the audio interfaces AIF1 and AIF2,
the multiplexers also provide the capability to link AIF3 pins directly to AIF2 pins, without involving the
AIF2 interface processing resource.
All of the AIF3 connections are supported on pins which also provide GPIO functions. These pins
must be configured as AIF functions when used as audio interface pins. See “General Purpose
Input/Output
”.
DIGITAL AUDIO
INTERFACE 2 (AIF2)
DIGITAL AUDIO
INTERFACE 1 (AIF1)
AIF1_DACDAT_SRC
AIF3_ADCDAT_SRC[1:0]
AIF2_DACDAT_SRC
AIF2_ADCDAT_SRC
Figure 66 Audio Interface AIF3 Configuration
The GPIO8 pin also supports the DACDAT3 function. When configured as DACDAT3, this pin may be
used as an alternate data input pin to AIF1 or AIF2. The data input source for AIF1 is selected using
the AIF1_DACDAT_SRC register. The data input source for AIF2 is selected using the
AIF2_DACDAT_SRC register.
The GPIO8 pin is configured as DACDAT3 by setting GP8_FN = 00h. Note that it is also necessary to
set GP3_FN = 00h and GP5_FN = 00h when using the DACDAT3 function on the GPIO8 pin.
The GPIO9 pin also supports the ADCDAT3 function. When configured as ADCDAT3, this pin may be
used as an alternate data output pin to AIF1 or AIF2. It is also possible to route the DACDAT2 input
pin to the ADCDAT3 output. The ADCDAT3 source is selected using the AIF3_ADCDAT_SRC
register.
The DACDAT3 input pin referenced above may also be routed to the ADCDAT2 output. The
ADCDAT2 source is selected using the AIF2_ADCDAT_SRC register.
The GPIO10 pin also supports the LRCLK3 function. When configured as LRCLK3, this pin outputs
the DACLRCLK signal from AIF1 or AIF2. The applicable AIF source is determined automatically as
defined in Table 102. Note that the LRCLK3 signal is also controlled by the logic illustrated in Figure
62 (AIF1) or Figure 65 (AIF2), depending on the selected AIF source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com