Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 191 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 191 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 187Page - Cirrus Logic WM8909 Datasheet HTML 188Page - Cirrus Logic WM8909 Datasheet HTML 189Page - Cirrus Logic WM8909 Datasheet HTML 190Page - Cirrus Logic WM8909 Datasheet HTML 191Page - Cirrus Logic WM8909 Datasheet HTML 192Page - Cirrus Logic WM8909 Datasheet HTML 193Page - Cirrus Logic WM8909 Datasheet HTML 194Page - Cirrus Logic WM8909 Datasheet HTML 195Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 363 page
background image
WM8994
Rev 4.6
191
CLOCKING AND SAMPLE RATES
The WM8994 requires a clock for each of the Digital Audio Interfaces (AIF1 and AIF2). These may be
derived from a common clock reference, or from independent references. Under typical clocking
configurations, many commonly-used audio sample rates can be derived directly from the external
reference; for additional flexibility, the WM8994 incorporates two Frequency Locked Loop (FLL)
circuits to perform frequency conversion and filtering.
External clock signals may be connected via MCLK1 and MCLK2. (Note that MCLK2 is an alternate
function of the GPIO2 pin.) In AIF Slave modes, the BCLK or LRCLK signals may be used as a
reference for the AIF clocks.
The WM8994 performs stereo full-duplex sample rate conversion between the audio interfaces AIF1
and AIF2, enabling digital audio to be routed between the interfaces, and asynchronous audio data to
be mixed together.
See “Sample Rate Conversion” for further details.
In AIF Slave modes, it is important to ensure the applicable AIF clock (AIF1CLK or AIF2CLK) is
synchronised with the associated external LRCLK. This can be achieved by selecting an MCLK input
that is derived from the same reference as the LRCLK, or can be achieved by selecting the external
BCLK or LRCLK signals as a reference input to one of the FLLs, as a source for the AIF clock.
If the AIF clock is not synchronised with the LRCLK, then clicks arising from dropped or repeated
audio samples will occur, due to the inherent tolerances of multiple, asynchronous, system clocks.
See “Applications Information” for further details on valid clocking configurations.
Clocking for the Audio Interfaces is provided by AIF1CLK and AIF2CLK for AIF1 and AIF2
respectively. An additional internal clock, SYSCLK is derived from either AIF1CLK or AIF2CLK in
order to support the DSP core functions, Charge Pump, Class D switching amplifier, DC servo control,
Control Write Sequencer and other internal functions.
The following operating limits must be observed when configuring the WM8994 clocks. Failure to
observe these limits will result in degraded performance and/or incorrect system functionality. Latency
in the WM8994 signal paths is reduced at high SYSCLK frequencies; power consumption is reduced
at low SYSCLK frequencies.
SYSCLK
 12.5MHz
SYSCLK
 4.096MHz
SYSCLK
 256 x fs (where fs = fastest audio sample rate in use)
AIF1CLK
 12.5MHz
AIF1CLK
 256 x AIF1 sample rate (AIF1_SR)
AIF2CLK
 12.5MHz
AIF2CLK
 256 x AIF2 sample rate (AIF2_SR)
Note that, if DAC_OSR128 = 0 and ADC_OSR128 = 0, then a slower SYSCLK frequency is possible;
in this case, the requirement is SYSCLK
 2.048MHz.
Note that, under specific operating conditions, clocking ratios of 128 x fs and 192 x fs are possible;
this is described in the “Digital to Analogue Converter (DAC)” section.
The SYSCLK frequency must be
 256 x fs, (where fs is the faster rate of AIF1_SR or AIF2_SR). The
SYSCLK frequency is derived from AIF1CLK or AIF2CLK, as selected by the SYSCLK_SRC register
(see Table 109).
Note that the bandwidth of the digital audio mixing paths will be determined by the sample rate of
whichever AIF is selected as the SYSCLK source. When using only one audio interface, the active
interface should be selected as the SYSCLK source. For best audio performance when using AIF1
and AIF2 simultaneously, the SYSCLK source must select the AIF with the highest sample rate
(AIFn_SR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com