Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 192 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 192 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 188Page - Cirrus Logic WM8909 Datasheet HTML 189Page - Cirrus Logic WM8909 Datasheet HTML 190Page - Cirrus Logic WM8909 Datasheet HTML 191Page - Cirrus Logic WM8909 Datasheet HTML 192Page - Cirrus Logic WM8909 Datasheet HTML 193Page - Cirrus Logic WM8909 Datasheet HTML 194Page - Cirrus Logic WM8909 Datasheet HTML 195Page - Cirrus Logic WM8909 Datasheet HTML 196Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 363 page
background image
WM8994
192
Rev 4.6
The AIFnCLK / fs ratio is the ratio of AIFnCLK to the AIFn
sample rate, where ‘n’ identifies the
applicable audio interface AIF1 or AIF2. The AIF clocking ratio and sample rate are set by the
AIFnCLK_RATE and AIFn_SR register fields, defined in Table 106 and Table 108.
Note that, in the case of mixed input/output path sample rates on either interface, then
AIFnCLK_RATE and AIFn_SR are set according to the higher of the two sample rates.
The clocking configuration for AIF1CLK, AIF2CLK and SYSCLK is illustrated in Figure 67.
The WM8994 provides integrated pull-up and pull-down resistors on the MCLK1 pin. This provides a
flexible capability for interfacing with other devices. This is configured as described in Table 109. Note
that if MCLK1_PU and MCLK1_PD are both set, then the pull-up and pull-down will be disabled.
GPIO2/MCLK2
MCLK1
FLL2
AIF1CLK_SRC
AIF2CLK_SRC
FLL1
SYSCLK_SRC
AIF1CLK
SYSCLK
AIF2CLK
AIF1CLK_ENA
AIF1CLK_DIV
f/N
AIF2CLK_ENA
AIF2CLK_DIV
f/N
Figure 67 Audio Interface Clock Control
AIF1CLK ENABLE
The AIF1CLK_SRC register is used to select the AIF1CLK source. The source may be MCLK1,
MCLK2, FLL1 or FLL2. If either of the Frequency Locked Loops is selected as the source, then the
FLL(s) must be enabled and configured as described later.
The AIF1CLK clock may be adjusted by the AIF1CLK_DIV divider, which provides a divide-by-two
option. The selected source may also be inverted by setting the AIF1CLK_INV bit.
The maximum AIF1CLK frequency is specified in the “Electrical Characteristics” section. Note that,
when AIF1CLK_DIV = 1, the maximum frequency limit applies to the divided-down AIF1CLK
frequency.
The AIF1CLK is enabled by the register bit AIF1CLK_ENA. This bit should be set to 0 when
reconfiguring the clock sources. It is not recommended to change AIF1CLK_SRC while the
AIF1CLK_ENA bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com