Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 183 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 183 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 179Page - Cirrus Logic WM8909 Datasheet HTML 180Page - Cirrus Logic WM8909 Datasheet HTML 181Page - Cirrus Logic WM8909 Datasheet HTML 182Page - Cirrus Logic WM8909 Datasheet HTML 183Page - Cirrus Logic WM8909 Datasheet HTML 184Page - Cirrus Logic WM8909 Datasheet HTML 185Page - Cirrus Logic WM8909 Datasheet HTML 186Page - Cirrus Logic WM8909 Datasheet HTML 187Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 363 page
background image
WM8994
Rev 4.6
183
AIF2 CLOCK OUTPUT CONTROL
BCLK2
(GPIO3)
enable
AIF2CLK
/AIF2_BCLK_DIV
AIF2DAC_LRCLK_DIR
BCLK2
enable
/AIF2DAC_RATE
LRCLK2
(GPIO4)
AIF2DACL_ENA
AIF2DACR_ENA
AIF2ADCL_ENA
AIF2ADCR_ENA
GP6_FN != 0
AIF2_CLK_FRC
AIF2ADC_LRCLK_DIR
GP6_FN != 0
AIF2_CLK_FRC
AIF2_MSTR
AIF2_LRCLK_FRC
AIF2_MSTR
AIF2_MSTR
AIF2ADC_LRCLK_DIR
BCLK2
enable
/AIF2ADC_RATE
ADCLRCLK2
(GPIO6)
AIF2_CLK_FRC
AIF2ADCL_ENA
AIF2ADCR_ENA
AIF2_LRCLK_FRC
GP6_FN = 0
Note: GPIO6 is configured as
ADCLRCLK2 when GP6_FN = 0
Note: LRCLK2 provides clocking
for the DAC and ADC channels of
AIF2 when GP6_FN != 0
Figure 65 Audio Interface 2 - BCLK and LRCLK Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R784 (0310h)
AIF2 Control
(1)
8
AIF2_BCLK
_INV
0
BCLK2 Invert
0 = BCLK2 not inverted
1 = BCLK2 inverted
Note that AIF2_BCLK_INV selects the BCLK2
polarity in Master mode and in Slave mode.
7
AIF2_LRCL
K_INV
0
Right, left and I2S modes
– LRCLK2 polarity
0 = normal LRCLK2 polarity
1 = invert LRCLK2 polarity
Note that AIF2_LRCLK_INV selects the
LRCLK2 polarity in Master mode and in Slave
mode.
DSP Mode
– mode A/B select
0 = MSB is available on 2nd BCLK2 rising
edge after LRCLK2 rising edge (mode A)
1 = MSB is available on 1st BCLK2 rising
edge after LRCLK2 rising edge (mode B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com