Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 213 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 213 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 209Page - Cirrus Logic WM8909 Datasheet HTML 210Page - Cirrus Logic WM8909 Datasheet HTML 211Page - Cirrus Logic WM8909 Datasheet HTML 212Page - Cirrus Logic WM8909 Datasheet HTML 213Page - Cirrus Logic WM8909 Datasheet HTML 214Page - Cirrus Logic WM8909 Datasheet HTML 215Page - Cirrus Logic WM8909 Datasheet HTML 216Page - Cirrus Logic WM8909 Datasheet HTML 217Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 363 page
background image
WM8994
Rev 4.6
213
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R257 (0101h)
Control Interface
6
SPI_CONTRD
0
Enable continuous read mode in
SPI (3-wire/4-wire) modes
0 = Disabled
1 = Enabled
5
SPI_4WIRE
1
SPI control mode select
0 = 3-wire using bidirectional SDA
1 = 4-wire using SDOUT
4
SPI_CFG
0
SDA/SDOUT pin configuration
0 = CMOS
1 = Open Drain (SPI_4WIRE = 0)
1 = Wired ‘OR’ (SPI_4WIRE = 1)
2
AUTO_INC
1
Enables address auto-increment
(applies to 2-wire I2C mode only)
0 = Disabled
1 = Enabled
R1825 (0721h)
Pull Control (2)
8
CSNADDR_PD
1
CS/ADDR Pull-down enable
0 = Disabled
1 = Enabled
2
CIFMODE_PD
1
CIFMODE Pull-down enable
0 = Disabled
1 = Enabled
Table 118 Control Interface Configuration
2-WIRE (I2C) CONTROL MODE
In 2-wire (I2C) mode, the WM8994 is a slave device on the control interface; SCLK is a clock input,
while SDAT is a bi-directional data pin. To allow arbitration of multiple slaves (and/or multiple masters)
on the same interface, the WM8994 transmits logic 1 by tri-stating the SDAT pin, rather than pulling it
high. An external pull-up resistor is required to pull the SDAT line high so that the logic 1 can be
recognised by the master.
In order to allow many devices to share a single 2-wire control bus, every device on the bus has a
unique 8-bit device ID (this is not the same as the address of each register in the WM8994). The
device ID is selectable on the WM8994, using the CS
¯¯ /ADDR pin as shown in Table 119. The LSB of
the Device ID is the Read/Write bit; this bit is set to logic 1 for
“Read” and logic 0 for “Write”.
An internal pull-down resistor is enabled by default on the CS
¯¯ /ADDR pin; this can be configured using
the CSNADDR_PD register bit described in Table 118.
CS
¯¯ /ADDR
DEVICE ID
Low
0011 0100 (34h)
High
0011 0110 (36h)
Table 119 Control Interface Device ID Selection
The WM8994 operates as a slave device only. The controller indicates the start of data transfer with a
high to low transition on SDAT while SCLK remains high. This indicates that a device ID, register
address and data will follow. The WM8994 responds to the start condition and shifts in the next eight
bits on SDAT (8-bit device ID, including Read/Write bit, MSB first). If the device ID received matches
the device ID of the WM8994, then the WM8994 responds by pulling SDAT low on the next clock
pulse (ACK). If the device ID is not recognised or the R/W bit is set incorrectly, the WM8994 returns to
the idle condition and waits for a new start condition and valid address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com