Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 210 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 210 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 206Page - Cirrus Logic WM8909 Datasheet HTML 207Page - Cirrus Logic WM8909 Datasheet HTML 208Page - Cirrus Logic WM8909 Datasheet HTML 209Page - Cirrus Logic WM8909 Datasheet HTML 210Page - Cirrus Logic WM8909 Datasheet HTML 211Page - Cirrus Logic WM8909 Datasheet HTML 212Page - Cirrus Logic WM8909 Datasheet HTML 213Page - Cirrus Logic WM8909 Datasheet HTML 214Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 363 page
background image
WM8994
210
Rev 4.6
this sample rate. Sample Rate Conversion cannot be supported in this mode, therefore AIF output is
not supported at any sample rate under these conditions.
Restricted Sample Rate options when AIF1 and AIF2 are synchronised. When the same clock
source is used for AIF1CLK and AIF2CLK, and mixed sample rates are selected on both interfaces,
then the DAC sample rate of one interface must be the same as the ADC sample rate of the other.
If AIF1CLK_SRC = AIF2CLK_SRC
And AIF1DAC_DIV
≠ AIF1ADC_DIV
And AIF2DAC_DIV
≠ AIF2ADC_DIV
Then the DAC sample rate of one interface must be the same as the ADC sample rate of
the other.
Restricted Sample Rate options when AIF1 and AIF2 are not synchronised. When a different
clock source is used for AIF1CLK and AIF2CLK, then the AIF to which the SYSCLK is synchronised
cannot be mixed sample rates.
If AIF1CLK_SRC
≠ AIF2CLK_SRC
And SYSCLK_SRC =0
Then AIF1DAC_DIV and AIF1ADC_DIV must be set to 000
If AIF1CLK_SRC
≠ AIF2CLK_SRC
And SYSCLK_SRC =1
Then AIF2DAC_DIV and AIF2ADC_DIV must be set to 000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com