Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 208 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 208 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 204Page - Cirrus Logic WM8909 Datasheet HTML 205Page - Cirrus Logic WM8909 Datasheet HTML 206Page - Cirrus Logic WM8909 Datasheet HTML 207Page - Cirrus Logic WM8909 Datasheet HTML 208Page - Cirrus Logic WM8909 Datasheet HTML 209Page - Cirrus Logic WM8909 Datasheet HTML 210Page - Cirrus Logic WM8909 Datasheet HTML 211Page - Cirrus Logic WM8909 Datasheet HTML 212Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 363 page
background image
WM8994
208
Rev 4.6
EXAMPLE FLL SETTINGS
Table 115 provides example FLL settings for generating common SYSCLK frequencies from a variety
of low and high frequency reference inputs.
FSOURCE
FOUT
FREF
Divider
N.K
FRATIO
FVCO
OUTDIV
FLLn_N
FLLn_K
32 kHz
12.288 MHz
1
192
16
98.304 MHz
8
0C0h
0000h
32 kHz
11.2896 MHz
1
176.4
16
90.3168 MHz
8
0B0h
6666h
32.768 kHz
12.288 MHz
1
187.5
16
98.304 MHz
8
0BBh
8000h
32.768 kHz
11.2896 MHz
1
172.2656
16
90.3168 MHz
8
0ACh
4400h
44.1 kHz
11.2896 MHz
1
128
16
90.3168 MHz
8
080h
0000h
48 kHz
12.288 MHz
1
128
16
98.304 MHz
8
080h
0000h
128 kHz
2.048 MHz
1
192
4
98.304 MHz
48
0C0h
0000h
128 kHz
12.288 MHz
1
192
4
98.304 MHz
8
0C0h
0000h
512 kHz
2.048 MHz
1
96
2
98.304 MHz
48
060h
0000h
512 kHz
12.288 MHz
1
96
2
98.304 MHz
8
060h
0000h
1.4112 MHz
11.2896 MHz
1
64
1
90.3168 MHz
8
040h
0000h
2.8224 MHz
11.2896 MHz
1
32
1
90.3168 MHz
8
020h
0000h
1.536 MHz
12.288 MHz
1
64
1
98.304 MHz
8
040h
0000h
3.072 MHz
12.288 MHz
1
32
1
98.304 MHz
8
020h
0000h
11.2896 MHz
12.288 MHz
1
8.7075
1
98.304 MHz
8
008h
B51Eh
12 MHz
11.2896 MHz
1
7.5264
1
90.3168 MHz
8
007h
86C2h
12 MHz
12.288 MHz
1
8.192
1
98.304 MHz
8
008h
3127h
12.288 MHz
12.288 MHz
1
8
1
98.304 MHz
8
008h
0000h
12.288 MHz
11.2896 MHz
1
7.35
1
90.3168 MHz
8
007h
599Ah
13 MHz
12.288 MHz
1
7.5618
1
98.304 MHz
8
007h
8FD5h
13 MHz
11.2896 MHz
1
6.9474
1
90.3168 MHz
8
006h
F28Ch
19.2 MHz
12.288 MHz
2
10.24
1
98.304 MHz
8
00Ah
3D71h
19.2 MHz
11.2896 MHz
2
9.408
1
90.3168 MHz
8
009h
6873h
24 MHz
11.2896 MHz
2
7.5264
1
90.3168 MHz
8
007h
86C2h
24 MHz
12.288 MHz
2
8.192
1
98.304 MHz
8
008h
3127h
26 MHz
11.2896 MHz
2
6.9474
1
90.3168 MHz
8
006h
F28Ch
26 MHz
12.288 MHz
2
7.5618
1
98.304 MHz
8
007h
8FD5h
27 MHz
11.2896 MHz
2
6.6901
1
90.3168 MHz
8
006h
B0ADh
27 MHz
12.288 MHz
2
7.2818
1
98.304 MHz
8
007h
4823h
FOUT = (FSOURCE / FREF Divider) * N.K * FRATIO / OUTDIV
The values of N and K are contained in the FLLn_N and FLLn_K registers as shown above.
See Table 112 and Table 113 for the coding of the FLLn_REFCLK_DIV, FLLn_FRATIO and FLLn_OUTDIV registers.
Table 115 Example FLL Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com