Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 206 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 206 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 202Page - Cirrus Logic WM8909 Datasheet HTML 203Page - Cirrus Logic WM8909 Datasheet HTML 204Page - Cirrus Logic WM8909 Datasheet HTML 205Page - Cirrus Logic WM8909 Datasheet HTML 206Page - Cirrus Logic WM8909 Datasheet HTML 207Page - Cirrus Logic WM8909 Datasheet HTML 208Page - Cirrus Logic WM8909 Datasheet HTML 209Page - Cirrus Logic WM8909 Datasheet HTML 210Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 363 page
background image
WM8994
206
Rev 4.6
FREE-RUNNING FLL CLOCK
The FLL can generate a clock signal even when no external reference is available. However, it should
be noted that the accuracy of this clock is reduced, and a reference source should always be used
where possible. Note that, in free-running modes, the FLL is not sufficiently accurate for hi-fi ADC or
DAC applications. However, the free-running modes are suitable for clocking most other functions,
including the Write Sequencer, Charge Pump, DC Servo and Class D loudspeaker driver.
If an accurate reference clock is initially available, then the FLL should be configured as described
above. The FLL will continue to generate a stable output clock after the reference input is stopped or
disconnected.
If no reference clock is available at the time of starting up the FLL, then an internal clock frequency of
approximately 12MHz can be generated by implementing the following sequence:
Enable the FLL Analogue Oscillator (FLLn_OSC_ENA = 1)
Set the FOUT clock divider to divide by 8 (FLLn_OUTDIV = 000111)
Configure the oscillator frequency by setting FLLn_FRC_NCO = 1 and
FLLn_FRC_NCO_VAL = 19h
Note that the free-running FLL mode is not suitable for hi-fi CODEC applications. In the absence of
any reference clock, the FLL output is subject to a very wide tolerance; see “Electrical Characteristics”
for details of the FLL accuracy.
Note that the free-running FLL clock is selected as SYSCLK using the registers noted in Figure 67.
The free-running FLL clock may be used to support analogue functions, for which the digital audio
interface is not used, and there is no applicable Sample Rate (fs). When SYSCLK is required for
circuits such the Class D, DC Servo, Control Write Sequencer or Charge Pump, then valid Sample
Rate register settings are still required, even though the digital audio interface is not active.
For correct functionality when SYSCLK_SRC = 0, valid settings are required for AIF1_SR and
AIF1CLK_RATE. In the case where SYSCLK_SRC = 1, then valid settings are required for AIF2_SR
and AIF2CLK_RATE.
The control registers applicable to FLL free-running modes are described in Table 114.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R544 (0220h)
FLL1 Control (1)
1
FLL1_OSC_ENA
0
FLL1 Oscillator enable
0 = Disabled
1 = Enabled
(Note that this field is required for
free-running FLL1 modes only)
R548 (0224h)
FLL1 Control (5)
12:7
FLL1_FRC_NCO
_VAL [5:0]
19h
FLL1 Forced oscillator value
Valid range is 000000 to 111111
0x19h (011001) = 12MHz approx
(Note that this field is required for
free-running FLL modes only)
6
FLL1_FRC_NCO
0
FLL1 Forced control select
0 = Normal
1 = FLL1 oscillator controlled by
FLL1_FRC_NCO_VAL
(Note that this field is required for
free-running FLL modes only)
R576 (0240h)
FLL2 Control (1)
1
FLL2_OSC_ENA
0
FLL2 Oscillator enable
0 = Disabled
1 = Enabled
(Note that this field is required for
free-running FLL2 modes only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com