Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 203 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 203 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 199Page - Cirrus Logic WM8909 Datasheet HTML 200Page - Cirrus Logic WM8909 Datasheet HTML 201Page - Cirrus Logic WM8909 Datasheet HTML 202Page - Cirrus Logic WM8909 Datasheet HTML 203Page - Cirrus Logic WM8909 Datasheet HTML 204Page - Cirrus Logic WM8909 Datasheet HTML 205Page - Cirrus Logic WM8909 Datasheet HTML 206Page - Cirrus Logic WM8909 Datasheet HTML 207Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 363 page
background image
WM8994
Rev 4.6
203
The value of FLLn_FRATIO should be selected as described in Table 111.
REFERENCE FREQUENCY FREF
FLLn_FRATIO
1MHz - 13.5MHz
0h (divide by 1)
256kHz - 1MHz
1h (divide by 2)
128kHz - 256kHz
2h (divide by 4)
64kHz - 128kHz
3h (divide by 8)
Less than 64kHz
4h (divide by 16)
Table 111 Selection of FLLn_FRATIO
In order to determine the remaining FLL parameters, the FLL operating frequency, FVCO, must be
calculated, as given by the following equation:
FVCO = (FOUT x FLLn_OUTDIV)
The value of FLLn_N and FLLn_K can then be determined as follows:
N.K = FVCO / (FLLn_FRATIO x FREF)
Note that FREF is the input frequency, after division by FLLn_REFCLK_DIV, where applicable.
In FLL Fractional Mode, the fractional portion of the N.K multiplier is held in the FLLn_K register field.
This field is coded as a fixed point quantity, where the MSB has a weighting of 0.5. Note that, if
desired, the value of this field may be calculated by multiplying K by 216 and treating FLLn_K as an
integer value, as illustrated in the following example:
If N.K = 8.192, then K = 0.192
Multiplying K by 216 gives 0.192 x 65536 = 12582.912 (decimal)
Apply rounding to the nearest integer = 12583 (decimal) = 3127 (hex)
Note that, if the required fraction cannot be represented exactly in the FLL_K register, and a rounding
error is introduced, then a corresponding offset will exist in the FLL output frequency. In a typical
application, the frequency difference will be negligible. However, if the FLL is used to generate
AIFnCLK in AIF Slave Mode, then the rounding error may result in clicks arising from dropped or
repeated audio samples.
The FLL1 control registers are described in Table 112. The FLL2 control registers are described in
Table 113. Example settings for a variety of reference frequencies and output frequencies are shown
in Table 115.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com