Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 201 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 201 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 197Page - Cirrus Logic WM8909 Datasheet HTML 198Page - Cirrus Logic WM8909 Datasheet HTML 199Page - Cirrus Logic WM8909 Datasheet HTML 200Page - Cirrus Logic WM8909 Datasheet HTML 201Page - Cirrus Logic WM8909 Datasheet HTML 202Page - Cirrus Logic WM8909 Datasheet HTML 203Page - Cirrus Logic WM8909 Datasheet HTML 204Page - Cirrus Logic WM8909 Datasheet HTML 205Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 363 page
background image
WM8994
Rev 4.6
201
CONTROL INTERFACE CLOCKING
Register map access is possible with or without a system clock. Clocking is provided from SYSCLK;
the SYSCLK_SRC register selects either AIF1CLK or AIF2CLK as the applicable SYSCLK source.
When AIF1CLK is the SYSCLK source (ie. SYSCLK_SRC = 0), and AIF1CLK_ENA = 1, then an
active clock source for AIF1CLK must be present for control interface clocking. If the AIF1CLK source
is stopped, then AIF1CLK_ENA must be set to 0 for control register access.
When AIF2CLK is the SYSCLK source (ie. SYSCLK_SRC = 1), and AIF2CLK_ENA = 1, then an
active clock source for AIF2CLK must be present for control interface clocking. If the AIF2CLK source
is stopped, then AIF2CLK_ENA must be set to 0 for control register access.
FREQUENCY LOCKED LOOP (FLL)
Two integrated FLLs are provided to support the clocking requirements of the WM8994. These can be
enabled and configured independently according to the available reference clocks and the application
requirements. The reference clock may be a high frequency (eg. 12.288MHz) or low frequency (eg.
32.768kHz).
The FLL is tolerant of jitter and may be used to generate a stable AIF clock from a less stable input
reference. The FLL characteristics are summarised in “Electrical Characteristics”. Note that the FLL
can be used to generate a free-running clock in the absence of an external reference source. This is
described in the “Free-Running FLL Clock” section below.
The input reference for FLL1 is selected using FLL1_REFCLK_SRC. The available options are
MCLK1,
MCLK2,
BCLK1
or
LRCLK1.
The
input
reference
for
FLL2
is
selected
using
FLL2_REFCLK_SRC. The available options are MCLK1, MCLK2, BCLK2 or LRCLK2. The FLL input
reference configuration is illustrated in Figure 70.
GPIO2/MCLK2
MCLK1
FLL1
LRCLK1
BCLK1
FLL2
LRCLK2
BCLK2
FLL1_REFCLK_SRC
FLL2_REFCLK_SRC
Figure 70 FLL Input Reference Selection
The following description is applicable to FLL1 and FLL2. The associated register control fields are
described in Table 112 for FLL1 and Table 113 for FLL2.
The FLL control registers are illustrated in Figure 71.
FVCO
FOUT
90MHz < Fvco < 100MHz
FLL_OUTDIV = 4
… 64
FLL_FRATIO = 1, 2, 4, 8, 16
Multiply by
N.K
N.K = Real number
Divide by
FLL_REFCLK_DIV
FREF
FLL_REFCLK_DIV = 1, 2, 4, 8
FREF<13.5MHz
Divide by
FLL_OUTDIV
Multiply by
FLL_FRATIO
FLL Source
Figure 71 FLL Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com