Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 200 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 200 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 196Page - Cirrus Logic WM8909 Datasheet HTML 197Page - Cirrus Logic WM8909 Datasheet HTML 198Page - Cirrus Logic WM8909 Datasheet HTML 199Page - Cirrus Logic WM8909 Datasheet HTML 200Page - Cirrus Logic WM8909 Datasheet HTML 201Page - Cirrus Logic WM8909 Datasheet HTML 202Page - Cirrus Logic WM8909 Datasheet HTML 203Page - Cirrus Logic WM8909 Datasheet HTML 204Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 363 page
background image
WM8994
200
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1568
(0620h)
Oversampling
1
ADC_OSR128
1
ADC / Digital Microphone Oversample
Rate Select
0 = Low Power
1 = High Performance
0
DAC_OSR128
0
DAC Oversample Rate Select
0 = Low Power
1 = High Performance
R1824
(0720h)
Pull Control
(1)
7
MCLK1_PU
0
MCLK1 Pull-up enable
0 = Disabled
1 = Enabled
6
MCLK1_PD
0
MCLK1 Pull-down enable
0 = Disabled
1 = Enabled
Table 109 System Clocking
BCLK AND LRCLK CONTROL
The digital audio interfaces (AIF1 and AIF2) use BCLK and LRCLK signals for synchronisation. In
master mode, these are output signals, generated by the WM8994. In slave mode, these are input
signals to the WM8994. It is also possible to support mixed master/slave operation.
The BCLK and LRCLK signals are controlled as illustrated in Figure 69
. See the “Digital Audio
Interface Control
” section for further details of the relevant control registers.
AIF1CLK
AIF1_BCLK_DIV [4:0]
f/N
f/N
BCLK1
LRCLK1
AIF1DAC_RATE [10:0]
f/N
ADCLRCLK1/
GPIO1
AIF1ADC_RATE [10:0]
MASTER
MODE
CLOCK
OUTPUTS
AIF2_BCLK_DIV [4:0]
f/N
GPIO3/
BCLK2
GPIO4/
LRCLK2
AIF2DAC_RATE [10:0]
f/N
GPIO6/
ADCLRCLK2
AIF2ADC_RATE [10:0]
AIF2_MSTR
AIF1_MSTR
AIF2CLK
MASTER
MODE
CLOCK
OUTPUTS
f/N
Figure 69 BCLK and LRCLK Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com