Electronic Components Datasheet Search
  English  ▼

X  

ADC3421 Datasheet(PDF) 16 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 12Page - Texas Instruments ADC3421 Datasheet HTML 13Page - Texas Instruments ADC3421 Datasheet HTML 14Page - Texas Instruments ADC3421 Datasheet HTML 15Page - Texas Instruments ADC3421 Datasheet HTML 16Page - Texas Instruments ADC3421 Datasheet HTML 17Page - Texas Instruments ADC3421 Datasheet HTML 18Page - Texas Instruments ADC3421 Datasheet HTML 19Page - Texas Instruments ADC3421 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
ADC3421, ADC3422, ADC3423, ADC3424
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
www.ti.com
7.12 Digital Characteristics
The dc specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level 0 or 1. AVDD = DVDD = 1.8 V, and –1-dBFS differential input, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (RESET, SCLK, SDATA, SEN, PDN)
All digital inputs support 1.8-V and
VIH
High-level input voltage
1.3
V
3.3-V CMOS logic levels
All digital inputs support 1.8-V and
VIL
Low-level input voltage
0.4
V
3.3-V CMOS logic levels
RESET, SDATA, SCLK,
VHIGH = 1.8 V
10
µA
High-level input
PDN
IIH
current
SEN(1)
VHIGH = 1.8 V
0
µA
RESET, SDATA, SCLK,
VLOW = 0 V
0
µA
Low-level input
PDN
IIL
current
SEN
VLOW = 0 V
10
µA
DIGITAL INPUTS (SYSREFP, SYSREFM)
VIH
High-level input voltage
1.3
V
VIL
Low-level input voltage
0.5
V
Common-mode voltage for SYSREF
0.9
V
DIGITAL OUTPUTS (CMOS Interface, SDOUT)
VOH
High-level output voltage
DVDD – 0.1
DVDD
V
VOL
Low-level output voltage
0
0.1
V
DIGITAL OUTPUTS (LVDS Interface)
VODH
High-level output differential voltage
With an external 100-
Ω termination
280
350
460
mV
VODL
Low-level output differential voltage
With an external 100-
Ω termination
–460
–350
–280
mV
VOCM
Output common-mode voltage
1.05
V
(1)
SEN has an internal 150-k
Ω pullup resistor to AVDD. SPI pins (SEN, SCLK, SDATA) can be driven by 1.8 V or 3.3 V CMOS buffers.
7.13 Timing Requirements: General
Typical values are at TA = 25°C, AVDD = DVDD = 1.8 V, and –1-dBFS differential input, unless otherwise noted. Minimum
and maximum values are across the full temperature range: TMIN = –40°C to TMAX = 85°C.
MIN
TYP
MAX
UNIT
tA
Aperture delay
1.24
1.44
1.64
ns
Aperture delay matching between two channels of the same device
±70
ps
Aperture delay variation between two devices at same temperature and supply voltage
±150
ps
tJ
Aperture jitter
130
fS rms
Time to valid data after exiting standby power-down mode
35
200
µs
Wake-up time:
Time to valid data after exiting global power-down mode
85
450
µs
(in this mode, both channels power down)
Clock
2-wire mode (default)
9
cycles
ADC latency(1):
Clock
1-wire mode
8
cycles
tSU_SYSREF
Setup time for SYSREF referenced to input clock rising edge
1000
ps
SYSREF reference time:
tH_SYSREF
Hold time for SYSREF referenced to input clock rising edge
100
ps
(1)
Overall latency = ADC latency + tPDI.
16
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com