Electronic Components Datasheet Search
  English  ▼

X  

ADC3421 Datasheet(PDF) 20 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 16Page - Texas Instruments ADC3421 Datasheet HTML 17Page - Texas Instruments ADC3421 Datasheet HTML 18Page - Texas Instruments ADC3421 Datasheet HTML 19Page - Texas Instruments ADC3421 Datasheet HTML 20Page - Texas Instruments ADC3421 Datasheet HTML 21Page - Texas Instruments ADC3421 Datasheet HTML 22Page - Texas Instruments ADC3421 Datasheet HTML 23Page - Texas Instruments ADC3421 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
Frequency (MHz)
0
50
100
150
200
250
300
350
400
66
67
68
69
70
71
72
D801
D817
Dither_EN
Dither_DIS
Frequency (MHz)
0
50
100
150
200
250
300
350
400
60
65
70
75
80
85
90
95
100
D818
Dither_EN
Dither_DIS
Each Tone Amplitude (dBFS)
-35
-31
-27
-23
-19
-15
-11
-7
-110
-105
-100
-95
-90
-85
D815
Each Tone Amplitude (dBFS)
-35
-31
-27
-23
-19
-15
-11
-7
-105
-100
-95
-90
-85
D816
Frequency (MHz)
0
2.5
5
7.5
10
12.5
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D813
Frequency (MHz)
0
2.5
5
7.5
10
12.5
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D814
ADC3421, ADC3422, ADC3423, ADC3424
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics: ADC3421 (continued)
Typical values are at TA = 25°C, ADC sampling rate = 25 MSPS, 50% clock duty cycle, AVDD = 1.8 V, DVDD = 1.8 V, –1-
dBFS differential input, 2-VPP full-scale, 32k-point FFT, chopper disabled, and SNR reported with a 1-MHz offset from dc
when chopper is disabled and from fS / 2 when chopper is enabled, unless otherwise noted.
fIN1 = 184.5 MHz, fIN2 = 189.5 MHz, IMD3 = 91,
fIN1 = 184.5 MHz, fIN2 = 189.5 MHz, IMD3 = 98 dBFS,
each tone at = –7 dBFS
each tone at –36 dBFS
Figure 13. FFT for Two-Tone Input Signal
Figure 14. FFT for Two-Tone Input Signal
(–7 dBFS at 185 MHz and 190 MHz)
(–36 dBFS at 185 MHz and 190 MHz)
Figure 15. Intermodulation Distortion vs Input Amplitude
Figure 16. Intermodulation Distortion vs Input Amplitude
(46 MHz and 50 MHz)
(185 MHz and 190 MHz)
Figure 17. Signal-to-Noise Ratio vs Input Frequency
Figure 18. Spurious-Free Dynamic Range vs
Input Frequency
20
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com