Electronic Components Datasheet Search
  English  ▼

X  

ADC3421 Datasheet(PDF) 62 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 62 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 58Page - Texas Instruments ADC3421 Datasheet HTML 59Page - Texas Instruments ADC3421 Datasheet HTML 60Page - Texas Instruments ADC3421 Datasheet HTML 61Page - Texas Instruments ADC3421 Datasheet HTML 62Page - Texas Instruments ADC3421 Datasheet HTML 63Page - Texas Instruments ADC3421 Datasheet HTML 64Page - Texas Instruments ADC3421 Datasheet HTML 65Page - Texas Instruments ADC3421 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
ADC3421, ADC3422, ADC3423, ADC3424
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
www.ti.com
9.6.1.23 Register 239h (address = 239h)
Figure 169. Register 239h
7
6
5
4
3
2
1
0
0
0
0
0
SP1 CHD
0
0
0
W-0h
W-0h
W-0h
W-0h
R/W-0h
W-0h
W-0h
W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 32. Register 239h Field Descriptions
Bit
Field
Type
Reset
Description
7-4
0
W
0h
Must write 0.
3
SP1 CHD
R/W
0h
This bit sets the special mode for best performance on channel
D.
Always write 1 after reset.
2-0
0
W
0h
Must write 0.
9.6.1.24 Register 308h (address = 308h)
Figure 170. Register 308h
7
6
5
4
3
2
1
0
HIGH IF MODE<5:4>
0
0
0
0
0
0
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 33. Register 308h Field Descriptions
Bit
Field
Type
Reset
Description
7-6
HIGH IF MODE<5:4>
R/W
0h
Set the HIGH IF MODE[7:0] bits together to FFh.
Improves HD3 by a couple of dB for IF > 100 MHz.
5-0
0
W
0h
Must write 0.
9.6.1.25 Register 41Dh (address = 41Dh)
Figure 171. Register 41Dh
7
6
5
4
3
2
1
0
0
0
0
0
0
0
HIGH IF MODE2
0
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 34. Register 41Dh Field Descriptions
Bit
Field
Type
Reset
Description
7-2
0
W
0h
Must write 0.
1
HIGH IF MODE2
R/W
0h
Set the HIGH IF MODE[7:0] bits together to FFh.
Improves HD3 by a couple of dB for IF > 100 MHz.
0
0
W
0h
Must write 0.
62
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com