Electronic Components Datasheet Search
  English  ▼

X  

ADC3421 Datasheet(PDF) 70 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 70 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 66Page - Texas Instruments ADC3421 Datasheet HTML 67Page - Texas Instruments ADC3421 Datasheet HTML 68Page - Texas Instruments ADC3421 Datasheet HTML 69Page - Texas Instruments ADC3421 Datasheet HTML 70Page - Texas Instruments ADC3421 Datasheet HTML 71Page - Texas Instruments ADC3421 Datasheet HTML 72Page - Texas Instruments ADC3421 Datasheet HTML 73Page - Texas Instruments ADC3421 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
ADC34xx
Analog
Input
Routing
Sampling
Clock
Routing
Digital
Output
Routing
ADC3421, ADC3422, ADC3423, ADC3424
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
www.ti.com
12 Layout
12.1 Layout Guidelines
The ADC342x EVM layout can be used as a reference layout to obtain the best performance. A layout diagram
of the EVM top layer is provided in Figure 189. Some important points to remember during laying out the board
are:
1. Analog inputs are located on opposite sides of the device pin out to ensure minimum crosstalk on the
package level. To minimize crosstalk onboard, the analog inputs must exit the pin out in opposite directions,
as shown in the reference layout of Figure 189 as much as possible.
2. In the device pin out, the sampling clock is located on a side perpendicular to the analog inputs in order to
minimize coupling between them. This configuration is also maintained on the reference layout of Figure 189
as much as possible.
3. Keep digital outputs away from the analog inputs. When these digital outputs exit the pin out, the digital
output traces must not be kept parallel to the analog input traces because this configuration can result in
coupling from digital outputs to analog inputs and degrade performance. All digital output traces to the
receiver [such as a field-programmable gate array (FPGA) or an application-specific integrated circuit (ASIC)]
must be matched in length to avoid skew among outputs.
4. At each power-supply pin (AVDD and DVDD), keep a 0.1-µF decoupling capacitor close to the device. A
separate decoupling capacitor group consisting of a parallel combination of 10-µF, 1-µF, and 0.1-µF
capacitors can be kept close to the supply source.
12.2 Layout Example
Figure 189. Typical Layout of the ADC342x Board
70
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com