Electronic Components Datasheet Search
  English  ▼

X  

ADC3421 Datasheet(PDF) 48 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 48 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 44Page - Texas Instruments ADC3421 Datasheet HTML 45Page - Texas Instruments ADC3421 Datasheet HTML 46Page - Texas Instruments ADC3421 Datasheet HTML 47Page - Texas Instruments ADC3421 Datasheet HTML 48Page - Texas Instruments ADC3421 Datasheet HTML 49Page - Texas Instruments ADC3421 Datasheet HTML 50Page - Texas Instruments ADC3421 Datasheet HTML 51Page - Texas Instruments ADC3421 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
R/W
A13
A12
A11
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Register Address [13:0]
Register Data [7:0]
SDATA
SCLK
tSCLK
tDSU
tDH
SEN
tSLOADS
tSLOADH
RESET
1
= 0
ADC3421, ADC3422, ADC3423, ADC3424
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
www.ti.com
Programming (continued)
9.5.1.1 Register Initialization
After power-up, the internal registers must be initialized to their default values through a hardware reset by
applying a high pulse on the RESET pin (of durations greater than 10 ns), as shown in Figure 143. If required,
the serial interface registers can be cleared during operation either:
1. Through a hardware reset, or
2. By applying a software reset. When using the serial interface, set the RESET bit (D0 in register address 06h)
high. This setting initializes the internal registers to the default values and then self-resets the RESET bit low.
In this case, the RESET pin is kept low.
9.5.1.1.1
Serial Register Write
The device internal register can be programmed with these steps:
1. Drive the SEN pin low,
2. Set the R/W bit to 0 (bit A15 of the 16-bit address),
3. Set bit A14 in the address field to 1,
4. Initiate a serial interface cycle by specifying the address of the register (A13 to A0) whose content must be
written, and
5. Write the 8-bit data that are latched in on the SCLK rising edge.
Figure 143 and Table 6 show the timing requirements for the serial register write operation.
Figure 143. Serial Register Write Timing Diagram
Table 6. Serial Interface Timing(1)
MIN
TYP
MAX
UNIT
fSCLK
SCLK frequency (equal to 1 / tSCLK)
> dc
20
MHz
tSLOADS
SEN to SCLK setup time
25
ns
tSLOADH
SCLK to SEN hold time
25
ns
tDSU
SDIO setup time
25
ns
tDH
SDIO hold time
25
ns
(1)
Typical values are at 25°C, full temperature range is from TMIN = –40°C to TMAX = 85°C, and AVDD = DVDD = 1.8 V, unless otherwise
noted.
48
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com