Electronic Components Datasheet Search
  English  ▼

X  

ADC3421 Datasheet(PDF) 35 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 31Page - Texas Instruments ADC3421 Datasheet HTML 32Page - Texas Instruments ADC3421 Datasheet HTML 33Page - Texas Instruments ADC3421 Datasheet HTML 34Page - Texas Instruments ADC3421 Datasheet HTML 35Page - Texas Instruments ADC3421 Datasheet HTML 36Page - Texas Instruments ADC3421 Datasheet HTML 37Page - Texas Instruments ADC3421 Datasheet HTML 38Page - Texas Instruments ADC3421 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
Frequency (MHz)
0
50
100
150
200
250
300
350
400
67
68
69
70
71
72
D217
Dither_EN
Dither_DIS
Frequency (MHz)
0
50
100
150
200
250
300
350
400
70
75
80
85
90
95
100
D218
Dither_EN
Dither_DIS
Each Tone Amplitude (dBFS)
-35
-31
-27
-23
-19
-15
-11
-7
-110
-105
-100
-95
-90
-85
-80
D215
Each Tone Amplitude (dBFS)
-35
-31
-27
-23
-19
-15
-11
-7
-110
-105
-100
-95
-90
-85
-80
D216
Frequency (MHz)
0
12.5
25
37.5
50
62.5
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D213
Frequency (MHz)
0
12.5
25
37.5
50
62.5
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D214
ADC3421, ADC3422, ADC3423, ADC3424
www.ti.com
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
Typical Characteristics: ADC3424 (continued)
Typical values are at TA = 25°C, ADC sampling rate = 125 MSPS, 50% clock duty cycle, AVDD = 1.8 V, DVDD = 1.8 V, –1-
dBFS differential input, 2-VPP full-scale, 32k-point FFT, chopper disabled, and SNR reported with a 1-MHz offset from dc
when chopper is disabled and from fS / 2 when chopper is enabled, unless otherwise noted.
fIN1 = 185 MHz, fIN2 = 190 MHz, IMD3 = 86 dBFS,
fIN1 = 185 MHz, fIN2 = 190 MHz, IMD3 = 102 dBFS,
each tone at –7 dBFS
each tone at –36 dBFS
Figure 103. FFT for Two-Tone Input Signal
Figure 104. FFT for Two-Tone Input Signal
(–7 dBFS at 185 MHz and 190 MHz)
(–36 dBFS at 185 MHz and 190 MHz)
Figure 105. Intermodulation Distortion vs Input Amplitude
Figure 106. Intermodulation Distortion vs Input Amplitude
(46 MHz and 50 MHz)
(185 MHz and 190 MHz)
Figure 107. Signal-to-Noise Ratio vs Input Frequency
Figure 108. Spurious-Free Dynamic Range vs
Input Frequency
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com