Electronic Components Datasheet Search
  English  ▼

X  

ADC3421 Datasheet(PDF) 37 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 37 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 33Page - Texas Instruments ADC3421 Datasheet HTML 34Page - Texas Instruments ADC3421 Datasheet HTML 35Page - Texas Instruments ADC3421 Datasheet HTML 36Page - Texas Instruments ADC3421 Datasheet HTML 37Page - Texas Instruments ADC3421 Datasheet HTML 38Page - Texas Instruments ADC3421 Datasheet HTML 39Page - Texas Instruments ADC3421 Datasheet HTML 40Page - Texas Instruments ADC3421 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
Input Clock Duty Cycle (%)
30
35
40
45
50
55
60
65
70
69.5
86
69.9
88
70.3
90
70.7
92
71.1
94
71.5
96
D229
SNR
SFDR
Input Clock Duty Cycle (%)
30
35
40
45
50
55
60
65
70
69.5
77.5
69.7
80
69.9
82.5
70.1
85
70.3
87.5
70.5
90
D230
SNR
SFDR
Differential Clock Amplitude (Vpp)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
68.5
65
69
70
69.5
75
70
80
70.5
85
71
90
71.5
95
72
100
72.5
105
D227
SNR
SFDR
Differential Clock Amplitude (Vpp)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
65
65
66
70
67
75
68
80
69
85
70
90
71
95
72
100
73
105
D228
SNR
SFDR
Temperature (°C)
-40
-15
10
35
60
85
84
86
88
90
92
94
D225
DVDD = 1.7 V
DVDD = 1.75 V
DVDD = 1.8 V
DVDD = 1.85 V
DVDD = 1.9 V
Temperature (°C)
-40
-15
10
35
60
85
69.5
69.9
70.3
70.7
71.1
71.5
D226
DVDD = 1.7 V
DVDD = 1.75 V
DVDD = 1.8 V
DVDD = 1.85 V
DVDD = 1.9 V
ADC3421, ADC3422, ADC3423, ADC3424
www.ti.com
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
Typical Characteristics: ADC3424 (continued)
Typical values are at TA = 25°C, ADC sampling rate = 125 MSPS, 50% clock duty cycle, AVDD = 1.8 V, DVDD = 1.8 V, –1-
dBFS differential input, 2-VPP full-scale, 32k-point FFT, chopper disabled, and SNR reported with a 1-MHz offset from dc
when chopper is disabled and from fS / 2 when chopper is enabled, unless otherwise noted.
Figure 115. Spurious-Free Dynamic Range vs
Figure 116. Signal-to-Noise Ratio vs
DVDD Supply and Temperature (170 MHz)
DVDD Supply and Temperature (170 MHz)
Figure 117. Performance vs Clock Amplitude (40 MHz)
Figure 118. Performance vs Clock Amplitude (150 MHz)
Figure 119. Performance vs Clock Duty Cycle (30 MHz)
Figure 120. Performance vs Clock Duty Cycle (150 MHz)
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com