Electronic Components Datasheet Search
  English  ▼

X  

ADC3421 Datasheet(PDF) 53 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 53 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 49Page - Texas Instruments ADC3421 Datasheet HTML 50Page - Texas Instruments ADC3421 Datasheet HTML 51Page - Texas Instruments ADC3421 Datasheet HTML 52Page - Texas Instruments ADC3421 Datasheet HTML 53Page - Texas Instruments ADC3421 Datasheet HTML 54Page - Texas Instruments ADC3421 Datasheet HTML 55Page - Texas Instruments ADC3421 Datasheet HTML 56Page - Texas Instruments ADC3421 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
ADC3421, ADC3422, ADC3423, ADC3424
www.ti.com
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
9.6.1.3 Register 04h (address = 04h)
Figure 149. Register 04h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
FLIP WIRE
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 11. Register 04h Field Descriptions
Bit
Field
Type
Reset
Description
7-1
0
W
0h
Must write 0.
0
FLIP WIRE
R/W
0h
This bit flips the data on the output wires. Valid only in two wire
configuration.
0 = Default
1 = Data on output wires is flipped. Pin D0x becomes D1x, and
vice versa.
9.6.1.4 Register 05h (address = 05h)
Figure 150. Register 05h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
1W-2W
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 12. Register 05h Field Descriptions
Bit
Field
Type
Reset
Description
7-1
0
W
0h
Must write 0.
0
1W-2W
R/W
0h
This bit transmits output data on either one or two wires.
0 = Output data are transmitted on two wires (Dx0P, Dx0M and
Dx1P, Dx1M)
1 = Output data are transmitted on one wire (Dx0P, Dx0M). In
this mode, the recommended fS is less than 80 MSPS.
9.6.1.5 Register 06h (address = 06h)
Figure 151. Register 06h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
TEST PATTERN EN
RESET
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 13. Register 06h Field Descriptions
Bit
Field
Type
Reset
Description
7-2
0
W
0h
Must write 0.
1
TEST PATTERN EN
R/W
0h
This bit enables test pattern selection for the digital outputs.
0 = Normal output
1 = Test pattern output enabled
0
RESET
R/W
0h
This bit applies a software reset.
This bit resets all internal registers to the default values and self-
clears to 0.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com