Electronic Components Datasheet Search
  English  ▼

X  

ADC3421 Datasheet(PDF) 67 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 67 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 63Page - Texas Instruments ADC3421 Datasheet HTML 64Page - Texas Instruments ADC3421 Datasheet HTML 65Page - Texas Instruments ADC3421 Datasheet HTML 66Page - Texas Instruments ADC3421 Datasheet HTML 67Page - Texas Instruments ADC3421 Datasheet HTML 68Page - Texas Instruments ADC3421 Datasheet HTML 69Page - Texas Instruments ADC3421 Datasheet HTML 70Page - Texas Instruments ADC3421 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
Frequency (MHz)
0
12.5
25
37.5
50
62.5
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D201
INP
INM
VCM
1:1
50
Ÿ
50
Ÿ
0.1 PF
0.1 PF
1:1
22 pF
25
Ÿ
25
Ÿ
50
Ÿ
50
Ÿ
39 nH
39 nH
0.1 PF
0.1 PF
Device
ADC3421, ADC3422, ADC3423, ADC3424
www.ti.com
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
10.2 Typical Applications
10.2.1 Driving Circuit Design: Low Input Frequencies
Figure 183. Driving Circuit for Low Input Frequencies
10.2.1.1 Design Requirements
For optimum performance, the analog inputs must be driven differentially. An optional 5-
Ω to 15-Ω resistor in
series with each input pin can be kept to damp out ringing caused by package parasitic. The drive circuit may
have to be designed to minimize the impact of kick-back noise generated by sampling switches opening and
closing inside the ADC, as well as ensuring low insertion loss over the desired frequency range and matched
impedance to the source.
10.2.1.2 Detailed Design Procedure
A typical application involving using two back-to-back coupled transformers is illustrated in Figure 183. The circuit
is optimized for low input frequencies. An external R-C-R filter using 50-
Ω resistors and a 22-pF capacitor is used
with the series inductor (39 nH), this combination helps absorb the sampling glitches.
10.2.1.3 Application Curve
Figure 184 shows the performance obtained by using the circuit shown in Figure 183.
SFDR = 97 dBc, SNR = 70.4 dBFS, SINAD = 70.4 dBFS,
THD = 98 dBc, HD2 = 95 dBc, HD3 = 97 dBc
Figure 184. Performance FFT at 10 MHz (Low Input Frequency)
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com