Electronic Components Datasheet Search
  English  ▼

X  

ADC3421 Datasheet(PDF) 29 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 25Page - Texas Instruments ADC3421 Datasheet HTML 26Page - Texas Instruments ADC3421 Datasheet HTML 27Page - Texas Instruments ADC3421 Datasheet HTML 28Page - Texas Instruments ADC3421 Datasheet HTML 29Page - Texas Instruments ADC3421 Datasheet HTML 30Page - Texas Instruments ADC3421 Datasheet HTML 31Page - Texas Instruments ADC3421 Datasheet HTML 32Page - Texas Instruments ADC3421 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
Frequency (MHz)
0
8
16
24
32
40
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D411
Frequency (MHz)
0
8
16
24
32
40
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D412
Frequency (MHz)
0
8
16
24
32
40
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D409
Frequency (MHz)
0
8
16
24
32
40
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D410
Frequency (MHz)
0
8
16
24
32
40
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D407
Frequency (MHz)
0
8
16
24
32
40
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D408
ADC3421, ADC3422, ADC3423, ADC3424
www.ti.com
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
Typical Characteristics: ADC3423 (continued)
Typical values are at TA = 25°C, ADC sampling rate = 80 MSPS, 50% clock duty cycle, AVDD = 1.8 V, DVDD = 1.8 V, –1-
dBFS differential input, 2-VPP full-scale, 32k-point FFT, chopper disabled, and SNR reported with a 1-MHz offset from dc
when chopper is disabled and from fS / 2 when chopper is enabled, unless otherwise noted.
SFDR = 76 dBc, SNR = 69.2 dBFS, SINAD = 68.3 dBFS,
SFDR = 75 dBc, SNR = 69.5 dBFS, SINAD = 68.4 dBFS,
THD = 75 dBc, HD2 = 76 dBc, HD3 = 81 dBc
THD = 75 dBc, HD2 = 75 dBc, HD3 = 82 dBc
Figure 67. FFT for 270-MHz Input Signal (Dither On)
Figure 68. FFT for 270-MHz Input Signal (Dither Off)
SFDR = 68 dBc, SNR = 67.5 dBFS, SINAD = 67.1 dBFS,
SFDR = 67 dBc SNR = 67.7 dBFS, SINAD = 67.3 dBFS,
THD = 77 dBc, HD2 = 68 dBc, HD3 = 89 dBc
THD = 77 dBc, HD2 = 67 dBc, HD3 = 84 dBc
Figure 69. FFT for 450-MHz Input Signal (Dither On)
Figure 70. FFT for 450-MHz Input Signal (Dither Off)
fIN1 = 46 MHz, fIN2 = 50 MHz, IMD3 = 98 dBFS,
fIN1 = 46 MHz, fIN2 = 50 MHz, IMD3 = 105 dBFS,
each tone at –7 dBFS
each tone at –36 dBFS
Figure 71. FFT for Two-Tone Input Signal
Figure 72. FFT for Two-Tone Input Signal
(–7 dBFS at 46 MHz and 50 MHz)
(–36 dBFS at 46 MHz and 50 MHz)
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com