Electronic Components Datasheet Search
  English  ▼

X  

ADC3421 Datasheet(PDF) 42 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 42 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 38Page - Texas Instruments ADC3421 Datasheet HTML 39Page - Texas Instruments ADC3421 Datasheet HTML 40Page - Texas Instruments ADC3421 Datasheet HTML 41Page - Texas Instruments ADC3421 Datasheet HTML 42Page - Texas Instruments ADC3421 Datasheet HTML 43Page - Texas Instruments ADC3421 Datasheet HTML 44Page - Texas Instruments ADC3421 Datasheet HTML 45Page - Texas Instruments ADC3421 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
CLKP
CLKM
0.1 F
m
Z
o
Device
100 W
0.1 F
m
Z
o
TypicalLVPECL
ClockInput
150 W
150 W
CLKP
CLKM
0.1 F
m
100 W
Z
o
Device
0.1 F
m
Z
o
TypicalLVDS
ClockInput
CLKP
CLKM
0.1 F
m
R
T
Device
0.1 F
m
Differential
Sine-Wave
ClockInput
ADC3421, ADC3422, ADC3423, ADC3424
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
www.ti.com
9.3 Feature Description
9.3.1 Analog Inputs
The ADC342x analog signal inputs are designed to be driven differentially. Each input pin (INP, INM) must swing
symmetrically between (VCM + 0.5 V) and (VCM – 0.5 V), resulting in a 2-VPP (default) differential input swing.
The input sampling circuit has a 3-dB bandwidth that extends up to 540 MHz (50-
Ω source driving 50-Ω
termination between INP and INM).
9.3.2 Clock Input
The device clock inputs can be driven differentially (sine, LVPECL, or LVDS) or single-ended (LVCMOS), with
little or no difference in performance between them. The common-mode voltage of the clock inputs is set to
0.95 V using internal 5-k
Ω resistors. The self-bias clock inputs of the ADC342x can be driven by the transformer-
coupled, sine-wave clock source or by the ac-coupled, LVPECL and LVDS clock sources, as shown in
Figure 132, Figure 133, and Figure 134. See Figure 135 for details regarding the internal clock buffer.
NOTE: RT = termination resistor, if necessary.
Figure 132. Differential Sine-Wave Clock Driving
Figure 133. LVDS Clock Driving Circuit
Circuit
Figure 134. LVPECL Clock Driving Circuit
42
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com