Electronic Components Datasheet Search
  English  ▼

X  

ADC3421 Datasheet(PDF) 57 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 57 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 53Page - Texas Instruments ADC3421 Datasheet HTML 54Page - Texas Instruments ADC3421 Datasheet HTML 55Page - Texas Instruments ADC3421 Datasheet HTML 56Page - Texas Instruments ADC3421 Datasheet HTML 57Page - Texas Instruments ADC3421 Datasheet HTML 58Page - Texas Instruments ADC3421 Datasheet HTML 59Page - Texas Instruments ADC3421 Datasheet HTML 60Page - Texas Instruments ADC3421 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
ADC3421, ADC3422, ADC3423, ADC3424
www.ti.com
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
9.6.1.11 Register 0Fh (address = 0Fh)
Figure 157. Register 0Fh
7
6
5
4
3
2
1
0
CUSTOM PATTERN[3:0]
0
0
0
0
R/W-0h
W-0h
W-0h
W-0h
W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 19. Register 0Fh Field Descriptions
Bit
Field
Type
Reset
Description
7-4
CUSTOM PATTERN[3:0]
R/W
0h
These bits set the 12-bit custom pattern (bits 3-0) for all
channels.
3-0
0
W
0h
Must write 0.
9.6.1.12 Register 13h (address = 13h)
Figure 158. Register 13h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
LOW SPEED ENABLE
W-0h
R/W-0h
R/W-0h
W-0h
R/W-0h
R/W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 20. Register 13h Field Descriptions
Bit
Field
Type
Reset
Description
7-2
0
W
0h
Must write 0.
1-0
LOW SPEED ENABLE
R/W
0h
Enables low speed operation in 1-wire and 2-wire mode.
Depending upon sampling frequency, write this bit as per
Table 21.
Table 21. LOW SPEED ENABLE Register Settings Across fS
fS, MSPS
REGISTER BIT LOW SPEED ENABLE
MIN
MAX
1-WIRE MODE
2-WIRE MODE
25
125
00
00
20
25
10
11
15
20
10
Not supported
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com