Electronic Components Datasheet Search
  English  ▼

X  

ADC3421 Datasheet(PDF) 47 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 47 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 43Page - Texas Instruments ADC3421 Datasheet HTML 44Page - Texas Instruments ADC3421 Datasheet HTML 45Page - Texas Instruments ADC3421 Datasheet HTML 46Page - Texas Instruments ADC3421 Datasheet HTML 47Page - Texas Instruments ADC3421 Datasheet HTML 48Page - Texas Instruments ADC3421 Datasheet HTML 49Page - Texas Instruments ADC3421 Datasheet HTML 50Page - Texas Instruments ADC3421 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
Frequency (MHz)
0
12.5
25
37.5
50
62.5
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D201
Frequency (MHz)
0
12.5
25
37.5
50
62.5
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D202
ADC3421, ADC3422, ADC3423, ADC3424
www.ti.com
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
9.4.4 Internal Dither Algorithm
The ADC342x use an internal dither algorithm to achieve high SFDR and a clean spectrum. However, the dither
algorithm marginally degrades SNR, creating a trade-off between SNR and SFDR. If desired, the dither algorithm
can be turned off by using the DIS DITH CHx registers bits. Figure 141 and Figure 142 show the effect of using
dither algorithms.
SFDR = 95 dBc, SNR = 70.4 dBFS, SINAD = 70.4 dBFS,
SFDR = 91 dBc, SNR = 70.7 dBFS, SINAD = 70.6 dBFS,
THD = 98 dBc, HD2 = 95 dBc, HD3 = 97 dBc
THD = 86 dBc, HD2 = 92 dBc, HD3 = 91 dBc
Figure 141. FFT for 10-MHz Input Signal
Figure 142. FFT for 10-MHz Input Signal
(Chopper On, Dither On)
(Chopper On, Dither Off)
9.4.5 Summary of Performance Mode Registers
Table 5 lists the location, value, and functions of performance mode registers in the device.
Table 5. Performance Modes
MODE
REGISTER SETTINGS
DESCRIPTION
Special modes
Registers 139 (bit 3), 239 (bit 3), 439 (bit 3), and 539 (bit 3)
Always write 1 for best performance
Registers 1 (bits 7:0), 134 (bits 5 and 3), 234 (bits 5 and 3),
Disable dither
Disable dither to improve SNR
434 (bits 5 and 3), and 534 (bits 5 and 3)
Disable chopper
Registers 122 (bit 1), 222 (bit 1), 422 (bit 1), and 522 (bit 1)
Disable chopper (shifts 1/f noise floor at dc)
Registers 11Dh (bit 1), 21Dh (bit 1), 41Dh (bit 1), 51Dh (bit 1),
High IF modes
Improves HD3 by a couple of dB for IF > 100 MHz
308h (bits 7-6) and 608h (bits 7-6)
9.5 Programming
The ADC342x can be configured using a serial programming interface, as described in this section.
9.5.1 Serial Interface
The device has a set of internal registers that can be accessed by the serial interface formed by the SEN (serial
interface enable), SCLK (serial interface clock), SDATA (serial interface data), and SDOUT (serial interface data
output) pins. Serially shifting bits into the device is enabled when SEN is low. Serial data SDATA are latched at
every SCLK rising edge when SEN is active (low). The serial data are loaded into the register at every 24th
SCLK rising edge when SEN is low. When the word length exceeds a multiple of 24 bits, the excess bits are
ignored. Data can be loaded in multiples of 24-bit words within a single active SEN pulse. The interface can
function with SCLK frequencies from 20 MHz down to very low speeds (of a few hertz) and also with a non-50%
SCLK duty cycle.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com